Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3002 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 13Page - Renesas Technology Corp H8/3002 Datasheet HTML 14Page - Renesas Technology Corp H8/3002 Datasheet HTML 15Page - Renesas Technology Corp H8/3002 Datasheet HTML 16Page - Renesas Technology Corp H8/3002 Datasheet HTML 17Page - Renesas Technology Corp H8/3002 Datasheet HTML 18Page - Renesas Technology Corp H8/3002 Datasheet HTML 19Page - Renesas Technology Corp H8/3002 Datasheet HTML 20Page - Renesas Technology Corp H8/3002 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 700 page
background image
Table 1-1 Features (cont)
Feature
Description
Memory
RAM: 512 bytes
Interrupt
• Seven external interrupt pins: NMI, IRQ0 to IRQ5
controller
• 30 internal interrupts
• Three selectable interrupt priority levels
Bus controller
• Address space can be partitioned into eight areas, with independent bus
specifications in each area
• Chip select output available for areas 0 to 3
• 8-bit access or 16-bit access selectable for each area
• Two-state or three-state access selectable for each area
• Selection of four wait modes
• Bus arbitration function
DRAM refresh
• Directly connectable to 16-bit-wide DRAM
• CAS-before-RAS refresh
• Self-refresh mode selectable
Pseudo-static RAM refresh
• Self-refresh mode selectable
Usable as an interval timer
Short address mode
• Maximum four channels available
• Selection of I/O mode, idle mode, or repeat mode
• Can be activated by compare match/input capture A interrupts from ITU
channels 0 to 3, SCI transmit-data-empty and receive-data-full interrupts, or
external requests
Full address mode
• Maximum two channels available
• Selection of normal mode or block transfer mode
• Can be activated by compare match/input capture A interrupts from ITU
channels 0 to 3, external requests, or auto-request
Refresh
controller
DMA controller
(DMAC)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com