Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2050V Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA2050V
Description  32W Hi-Fi AUDIO POWER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2050V Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA2050V Datasheet HTML 3Page - STMicroelectronics TDA2050V Datasheet HTML 4Page - STMicroelectronics TDA2050V Datasheet HTML 5Page - STMicroelectronics TDA2050V Datasheet HTML 6Page - STMicroelectronics TDA2050V Datasheet HTML 7Page - STMicroelectronics TDA2050V Datasheet HTML 8Page - STMicroelectronics TDA2050V Datasheet HTML 9Page - STMicroelectronics TDA2050V Datasheet HTML 10Page - STMicroelectronics TDA2050V Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SINGLE SUPPLY APPLICATION SUGGESTIONS
The recommended values of the external compo-
nents are those shown on the application circuit
of fig. 3. Different values can be used. The follow-
ing table can help the designer.
Component
Recommended
Value
Purpose
Larger than
Recommended Value
Smaller than
Recommended Value
R1, R2, R3
22k
Ω
Biasing Resistor
R4
22k
Ω
Feedback Resistors
Increase of Gain
Decrease of Gain (*)
R5
680
Ω
Decrease of Gain (*)
Increase of Gain
R6
2.2
Ω
Frequency Stability
Danger of Oscillations
C1
2.2
µF
Input Decoupling DC
Higher Low-frequency
cut-off
C2
100
µF
Supply Voltage Rejection
Worse Turn-off Transient
Worse Turn-on Delay
C3
1000
µF
Supply Voltage Bypass
Danger of Oscillations
Worse of Turn-off
Transient
C4
22
µF
Inverting Input DC
Decoupling
Increase of Switching
ON/OFF
Higher Low-frequency
cut-off
C5
100nF
Supply Voltage Bypass
Danger of Oscillations
C6
0.47
µF
Frequency Stability
Danger of Oscillations
C7
1000
µF
Output DC Decoupling
Higher Low-frequency
cut-off
(*) The gain must be higher than 24dB
TYPICAL CHARACTERISTICS (Split Supply Test Circuit unless otherwise specified)
NOTE
If the supply voltage is lower than 40V and the
load is 8ohm (or more) a lower value of C2 can
be used (i.e. 22
µF).
C7 can be larger than 1000uF only if the supply
voltage does not exceed 40V.
Figure 5: Output Power vs. Supply Voltage
Figure 6: Distortion vs. Output Power
TDA2050
7/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com