Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2050V Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA2050V
Description  32W Hi-Fi AUDIO POWER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2050V Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA2050V Datasheet HTML 5Page - STMicroelectronics TDA2050V Datasheet HTML 6Page - STMicroelectronics TDA2050V Datasheet HTML 7Page - STMicroelectronics TDA2050V Datasheet HTML 8Page - STMicroelectronics TDA2050V Datasheet HTML 9Page - STMicroelectronics TDA2050V Datasheet HTML 10Page - STMicroelectronics TDA2050V Datasheet HTML 11Page - STMicroelectronics TDA2050V Datasheet HTML 12Page - STMicroelectronics TDA2050V Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ent. Fig. 17 shows this dissipable power as a
function of ambient temperature for different ther-
mal resistance.
MOUNTING INSTRUCTIONS
The power dissipated in the circuit must be re-
moved by adding an external heatsink.
Thanks
to
the
PENTAWATT
package, the
heatsink mounting operation is very simple, a
screw or a compression spring (clip) being suffi-
cient. Between the heatsink and the package is
better to insert a layer of silicon grease, to opti-
mize the thermal contact; no electrical isolation is
needed between the two surfaces. Fig. 18 shows
an example of heatsink.
Dimension suggestion
The following table shows the length that the
heatsink in fig. 18 must have for several values
of Ptot and Rth.
Ptot (W)
12
8
6
Lenght of heatsink (mm)
60
40
30
Rth of heatsink (
°C/W)
4.2
6.2
8.3
Figure 18: Example of heat-sink
Figure 17: Maximum Allowable Power Dissipa-
tion vs. Ambient Temperature
A.1 - MUSIC POWER CONCEPT
MUSIC POWER is (according to the IEC clauses
n.268-3 of Jan 83) the maximum power which the
amplifier is capable of producing across the rated
load resistance (regardless of non linearity) 1 sec
after the application of a sinusoidal input signal of
frequency 1 KHz.
According to this definition our method of meas-
urement comprises the following steps:
- Set the voltage supply at the maximum oper-
ating value;
- Apply a input signal in the form of a 1KHz tone
burst of 1 sec duration: the repetition period
of the signal pulses is 60 sec;
- The output voltage is measured 1 sec from the
start of the pulse;
- Increase the input voltage until the output sig-
nal shows a THD=10%;
- The music power is then V
2
out /RL, where
Vout is the output voltage measured in the
condition of point 4 and RL is the rated load
impedance;
The target of this method is to avoid excessive
dissipation in the amplifier.
A.2 - INSTANTANEOUS POWER
Another power measurement (MAXIMUM IN-
STANTANEOUS OUTPUT POWER) was pro-
posed by IEC in 1988 (IEC publication 268-3 sub-
clause 19.A).
We give here only a brief extract of the concept,
and a circuit useful for the measurement.
The supply voltage is set at the maximum operat-
ing value.
The test signal consists of a sinusoidal signal
whose frequency is 20 Hz, to which are added al-
ternate positive and negative pulses of 50
µs du-
ration and 500 Hz repetition rate. The amplitude
of the 20 Hz signal is chosen to drive the amplifier
to its voltage clipping limits, while the amplitude of
the pulses takes the amplifier alternately into its
current-overload limits.
APPENDIX A
TDA2050
10/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com