Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2050V Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA2050V
Description  32W Hi-Fi AUDIO POWER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2050V Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA2050V Datasheet HTML 5Page - STMicroelectronics TDA2050V Datasheet HTML 6Page - STMicroelectronics TDA2050V Datasheet HTML 7Page - STMicroelectronics TDA2050V Datasheet HTML 8Page - STMicroelectronics TDA2050V Datasheet HTML 9Page - STMicroelectronics TDA2050V Datasheet HTML 10Page - STMicroelectronics TDA2050V Datasheet HTML 11Page - STMicroelectronics TDA2050V Datasheet HTML 12Page - STMicroelectronics TDA2050V Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SHORT CIRCUIT PROTECTION
The TDA 2050 has an original circuit which limits
the current of the output transistors. The maxi-
mum output current is a function of the collector
emitter voltage; hence the output transistors work
within their safe operating area. This function can
therefore be considered as being peak power lim-
iting rather than simple current limiting.
It reduces the possibility that the device gets
damaged during an accidental short circuit from
AC output to ground.
THERMAL SHUTDOWN
The presence of a thermal limiting circuit offers
the following advantages:
1)An overload on the output (even if it is perma-
nent), or an above limit ambient temperature
can be easily tolerated since the Tj cannot be
higher than 150
°C.
2)The heatsink can have a smaller factor of
safety compared with that of a conventional
circuit. There is no possibility of device dam-
age due to high junction temperature. If for
any reason, the junction temperature in-
creases up to 150
°C, the thermal shutdown
simply reduces the power dissipation and the
current consumption.
The maximum allowable power dissipation de-
pends upon the thermal resistance junction-ambi-
Figure 13: Supply Voltage Rejection vs. Fre-
quency (Single supply) for Different
values of C2 (circuit of fig. 3)
Figure 14: Supply Voltage Rejection vs. Fre-
quency (Single supply) for Different
values of C2 (circuit of fig. 3)
Figure 15: Total Power Dissipation and Effi-
ciency vs. Output Power
Figure 16: Total Power Dissipation and Effi-
ciency vs. Output Power
TDA2050
9/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com