Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2050V Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA2050V
Description  32W Hi-Fi AUDIO POWER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2050V Datasheet(HTML) 5 Page - STMicroelectronics

  TDA2050V Datasheet HTML 1Page - STMicroelectronics TDA2050V Datasheet HTML 2Page - STMicroelectronics TDA2050V Datasheet HTML 3Page - STMicroelectronics TDA2050V Datasheet HTML 4Page - STMicroelectronics TDA2050V Datasheet HTML 5Page - STMicroelectronics TDA2050V Datasheet HTML 6Page - STMicroelectronics TDA2050V Datasheet HTML 7Page - STMicroelectronics TDA2050V Datasheet HTML 8Page - STMicroelectronics TDA2050V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SPLIT SUPPLY APPLICATION SUGGESTIONS
The recommended values of the external compo-
nents are those shown on the application circuit
of fig. 2. Different values can be used. The follow-
ing table can help the designer.
Component
Recommended
Value
Purpose
Larger than
Recommended Value
Smaller than
Recommended Value
R1
22k
Ω
Input Impedance
Increase of Input
Impedance
Decrease of Input
Impedance
R2
680
Ω
Feedback Resistor
Decrease of Gain (*)
Increase of Gain
R3
22k
Ω
Increase of Gain
Decrease of Gain (*)
R4
2.2
Ω
Frequency Stability
Danger of Oscillations
C1
1
µF
Input Decoupling DC
Higher Low-frequency
cut-off
C2
22
µF
Inverting Input
DC Decoupling
Increase of Switch
ON/OFF Noise
Higher Low-frequency
cut-off
C3
C4
100nF
Supply Voltage Bypass
Danger of Oscillations
C5
C6
220
µF
Supply Voltage Bypass
Danger of Oscillations
C7
0.47
µF
Frequency Stability
Danger of Oscillations
(*) The gain must be higher than 24dB
PRINTED CIRCUIT BOARD
The layout shown in fig. 2 should be adopted by
the designers. If different layouts are used, the
ground points of input 1 and input 2 must be well
decoupled from the ground return of the output in
which a high current flows.
TDA2050
5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com