Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2050V Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA2050V
Description  32W Hi-Fi AUDIO POWER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2050V Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA2050V Datasheet HTML 5Page - STMicroelectronics TDA2050V Datasheet HTML 6Page - STMicroelectronics TDA2050V Datasheet HTML 7Page - STMicroelectronics TDA2050V Datasheet HTML 8Page - STMicroelectronics TDA2050V Datasheet HTML 9Page - STMicroelectronics TDA2050V Datasheet HTML 10Page - STMicroelectronics TDA2050V Datasheet HTML 11Page - STMicroelectronics TDA2050V Datasheet HTML 12Page - STMicroelectronics TDA2050V Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
A circuit for generating the test signal is given in
fig. 19.
The load network consists of a 40
µF capacitor, in
series with a 1 ohm resistor. The capacitor limits
the current due to the 20 Hz signal to a low value,
whereas for he short pulses the effective load im-
pedance is of the order of 1 ohm, and a high out-
put current is produced.
Using this signal and load network the measure-
ment may be made without causing excessive
dissipation in the amplifier. The dissipation in the
1 ohm resistor is much lower than a rated output
power of the amplifier, because the duty-cycle of
the high output current is low.
By feeding the amplifier output voltage to the X-
plates of an oscilloscope, and the voltage across
the 1 ohm resistor (representing the output cur-
rent) to the Y=plates, it is possible to read on the
display the value of the maximum instantaneous
output power.
The result of this test applied at the TDA 2050 is:
PEAK POWER = 100W typ
Figure 19: Test circuit for peak power measurement
TDA2050
11/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com