Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9826 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9826
Description  Octal Low-Side Driver for Resistive and Inductive Loads with Serial/Parallel Input Control, Output Protection and Diagnostic
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9826 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9826 Datasheet HTML 2Page - STMicroelectronics L9826 Datasheet HTML 3Page - STMicroelectronics L9826 Datasheet HTML 4Page - STMicroelectronics L9826 Datasheet HTML 5Page - STMicroelectronics L9826 Datasheet HTML 6Page - STMicroelectronics L9826 Datasheet HTML 7Page - STMicroelectronics L9826 Datasheet HTML 8Page - STMicroelectronics L9826 Datasheet HTML 9Page - STMicroelectronics L9826 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
3 Electrical Specifications
L9826
6/17
CD00002120
3
Electrical Specifications
3.1
Absolute maximum ratings
Table 3.
For voltages and currents applied externally to the device
Note: 1 All inputs are protected against ESD according to MIL 883C; tested with HBM at 2KV.
It corresponds to a dissipated energy E
≤ 0,2mJ.
2 Transient pulses in accordance to DIN40839 part 1, 3 and ISO 7637 Part 1, 3.
Figure 3.
For currents determined within the device:
3 When operating the device with short circuit at more than 2 outputs at the same time, damage
due to electrical overstress may occur.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VCC
Supply voltage
-0.3
7
V
Inputs and data lines
(NONx, NCS, CLK, SDI, nRes)
VIN
Voltage
(NONx, NCS, CLK, SDI,
nRes)
-0.3
7
V
IIN
Protection diodes current 1)
T
≤ 1ms
-20
20
mA
Outputs (Out1 ... Out8)
VOUTc Continuous output voltage
-0.7
45
V
IOUT
Output current 2)
-2
1.0
A
EOUTcl Output clamp energy
IOUT ≤ 150mA
10
mJ
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Outputs (Out1 ... Out8)
IOUT
Output current (Out1, Out2)
ILIM
A
Output current (Out3 ... Out8)
ISCB
A
ΣI
OUT1
i = 1-8
Total average-current all
outputs 3)
Tamb = 60°C
2.0
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com