Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9826 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9826
Description  Octal Low-Side Driver for Resistive and Inductive Loads with Serial/Parallel Input Control, Output Protection and Diagnostic
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9826 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9826 Datasheet HTML 7Page - STMicroelectronics L9826 Datasheet HTML 8Page - STMicroelectronics L9826 Datasheet HTML 9Page - STMicroelectronics L9826 Datasheet HTML 10Page - STMicroelectronics L9826 Datasheet HTML 11Page - STMicroelectronics L9826 Datasheet HTML 12Page - STMicroelectronics L9826 Datasheet HTML 13Page - STMicroelectronics L9826 Datasheet HTML 14Page - STMicroelectronics L9826 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
L9826
4 Functional Description
CD00002120
11/17
Outputs Control Tables :
Figure 5.
Output control register structure
4.3
Power outputs characteristics
for flyback current, outputs short circuit protection and diagnostics
For output currents flowing into the circuit the output voltages are limited. The typical value of
this voltage is 50V. This function allows that the flyback current of a inductive load recirculates
into the circuit; the flyback energy is absorbed in the chip.
Output short circuit protection for outputs 3 to 8 (dedicated for loads without inrush current):
when the output current exceeds the short circuit threshold, the corresponding output overload
latch is set and the output is switched off immediately.
Output short circuit protection for outputs 1 and 2 (dedicated for loads with inrush current, as
lamps): when the load current would exceed the short circuit limit value, the corresponding
output goes in a current regulation mode.
The output current is determined by the output characteristics and the output voltage depends
on the load resistance. In this mode high power is dissipated in the output transistor and its
temperature increases rapidly. When the power transistor temperature exceeds the thermal
shutdown threshold, the overload latch is set and the corresponding output switched off.
For the load diagnostic in output off condition each output features a diagnostic current sink, typ
60
µA.
Table 5.
Outputs 1, 2:
Outputs 3 to 8:
NON1, 2
1001
SPI-bit 1, 2
0011
SPI-bit 3 ... 8
0
1
Output 1, 2
off
on
on
on
Output 3 ... 8
off
on
Q2
Q4
Q6
Q8
Q1
Q3
Q5
Q7
MSB
LSB
Control-bit output 7
Control-bit output 5
Control-bit output 3
Control-bit output 1
Control-bit output 8
Control-bit output 6
Control-bit output 4
Control-bit output 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com