Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9826 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9826
Description  Octal Low-Side Driver for Resistive and Inductive Loads with Serial/Parallel Input Control, Output Protection and Diagnostic
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9826 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9826 Datasheet HTML 3Page - STMicroelectronics L9826 Datasheet HTML 4Page - STMicroelectronics L9826 Datasheet HTML 5Page - STMicroelectronics L9826 Datasheet HTML 6Page - STMicroelectronics L9826 Datasheet HTML 7Page - STMicroelectronics L9826 Datasheet HTML 8Page - STMicroelectronics L9826 Datasheet HTML 9Page - STMicroelectronics L9826 Datasheet HTML 10Page - STMicroelectronics L9826 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
L9826
3 Electrical Specifications
CD00002120
7/17
3.2
Electrical characteristics
Table 4.
Electrical Characteristcs
(4.5V
≤ V
CC ≤ 5,5V; -40°C ≤ TJ ≤ 150°C; unless otherwise specified).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Supply voltage
IccSTB
Standby current
without load (nRes = Low)
70
µA
IccOPM
Operating mode
IOUT1 ... 8 = 500mA
SPI - CLK = 3MHz
NCS = LOW
SDO no load
5mA
∆I
CC
∆I
CC during reverse output
current
Iout = -2A
100
mA
VDDRES Undervoltage Reset
Reset of all registers and disable
of all outputs
34
V
Inputs (NONx. NCS, CLK, SDI, nRes)
VINL
Low level
-0.3
0.2·VCC
V
VINH
High level
0.7·VCC
VCC
+0,3
V
Vhyst
Hysteresis voltage
0.85
V
IIN
Input current
NONx, NCS, CLK, SDI
VIN = VCC
10
µA
NRES (VIN = 0V)
-10
µA
RIN
Pullup resistance
(NONx, NCS, CLK, SDI)
Pulldown resistance (NRes)
50
250
k
Ω
CIN
Input capacitance
Guaranteed by design
10
pF
Serial data outputs
VSDOH
High output level
ISDO = -4mA
VCC -0.4
V
VSDOL
Low output level
ISDO = 3,2mA
0.4
V
ISDOL
Tristate leakage current
NCS = high; 0V
≤ V
SDO ≤ VCC
-10
10
µA
CSDO
Output capacitance
fSDO = 300kHz, Guaranteed by
design
10
pF
Outputs OUT 1 ... 8
IOUTL1 - 8 Leakage current
OUTx = OFF; VOUTx = 25V;
VCC = 5V
100
µA
IOUTL1 - 8 Leakage current
OUTx = OFF; VOUTx = 16V;
VCC = 5V
100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com