Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9826 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9826
Description  Octal Low-Side Driver for Resistive and Inductive Loads with Serial/Parallel Input Control, Output Protection and Diagnostic
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9826 Datasheet(HTML) 1 Page - STMicroelectronics

  L9826 Datasheet HTML 1Page - STMicroelectronics L9826 Datasheet HTML 2Page - STMicroelectronics L9826 Datasheet HTML 3Page - STMicroelectronics L9826 Datasheet HTML 4Page - STMicroelectronics L9826 Datasheet HTML 5Page - STMicroelectronics L9826 Datasheet HTML 6Page - STMicroelectronics L9826 Datasheet HTML 7Page - STMicroelectronics L9826 Datasheet HTML 8Page - STMicroelectronics L9826 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Rev 8
July 2005
CD00002120
1/17
17
L9826
Octal Low-Side Driver for Resistive and Inductive Loads with
Serial/Parallel Input Control, Output Protection and Diagnostic
Features
■ OUTPUTS CURRENT CAPABILITY UP TO
450mA
■ TYPICAL RON = 1.5Ω AT TJ = 25°C
■ PARALLEL CONTROL INPUTS FOR
OUTPUTS 1 AND 2
■ SPI CONTROL FOR OUTPUTS 1 TO 8
■ RESET FUNCTION WITH RESET SIGNAL AT
NRES PIN OR UNDERVOLTAGE AT VCC
■ INTRINSIC OUTPUT VOLTAGE CLAMPING
AT TYP. 50V
■ OVERCURRENT SHUTDOWN AT OUTPUTS
3 TO 8
■ SHORT CIRCUIT CURRENT LIMITATION
AND SELECTIVE THERMAL SHUTDOWN AT
OUTPUTS 1 AND 2
■ OUTPUT STATUS DATA AVAILABLE ON
THE SPI
Description
The L9826 is a Octal Low-Side Driver Circuit,
dedicated for automotive applications. Output
voltage clamping is provided for flyback current
recirculation, when inductive loads are driven.
Chip Select and Serial Peripheral Interface for
outputs control and diagnostic data transfer.
Parallel Control inputs for two outputs.
.
SO20
Order codes
Part number
Temp range,
°CPackage
Packing
L9826
SO20 (16+2+2)
Tube
L9826TR
SO20
Tape & Reel
www.st.com


Similar Part No. - L9826

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9826 STMICROELECTRONICS-L9826 Datasheet
174Kb / 12P
Octal Low-Side Driver for resistive and inductive loads with serial/parallel input control, output protection and diagnostic
Oct-2002
L9826 STMICROELECTRONICS-L9826 Datasheet
359Kb / 19P
Octal protected low-side driver with diagnostic and serial/parallel input control
19-Sep-2013
L9826TR STMICROELECTRONICS-L9826TR Datasheet
359Kb / 19P
Octal protected low-side driver with diagnostic and serial/parallel input control
19-Sep-2013
L9826 STMICROELECTRONICS-L9826_V01 Datasheet
359Kb / 19P
Octal protected low-side driver with diagnostic and serial/parallel input control
19-Sep-2013
More results

Similar Description - L9826

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9823 STMICROELECTRONICS-L9823 Datasheet
168Kb / 12P
Octal Low-Side Driver for bulb, resistive and inductive loads with serial input control, output protection and diagnostic
Apr-2003
L9825 STMICROELECTRONICS-L9825 Datasheet
225Kb / 11P
Octal Low-side Driver For Resistive and Inductive Loads With Serial / Parallel Input Control, Output Protection and Diagnostic
Jul-2001
L9826 STMICROELECTRONICS-L9826 Datasheet
174Kb / 12P
Octal Low-Side Driver for resistive and inductive loads with serial/parallel input control, output protection and diagnostic
Oct-2002
logo
Intersil Corporation
HIP0063 INTERSIL-HIP0063 Datasheet
61Kb / 8P
Hex Low Side MOSFET Driver with Serial or Parallel Interface and Diagnostic Fault Control
October 1995
logo
STMicroelectronics
L9825 STMICROELECTRONICS-L9825_03 Datasheet
225Kb / 11P
Octal Low-side Driver For Resistive and Inductive Loads With Serial / Parallel Input Control, Output Protection and Diagnostic
Apr-2003
E-L9823 STMICROELECTRONICS-E-L9823 Datasheet
269Kb / 19P
Octal low-side driver for bulb, resistive and inductive loads with serial input control, output protection and diagnostic
13-Apr-2011
L9825TR STMICROELECTRONICS-L9825TR Datasheet
228Kb / 11P
Octal Low-side Driver For Resistive and Inductive Loads With Serial / Parallel Input Control, Output Protection and Diagnostic
Apr-2003
E-L9823013TR STMICROELECTRONICS-E-L9823013TR Datasheet
383Kb / 19P
Octal low-side driver for bulb, resistive and inductive loads with serial input control, output protection and diagnostic
19-Sep-2013
logo
Infineon Technologies A...
BTT6100-2EKA INFINEON-BTT6100-2EKA Datasheet
2Mb / 48P
Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-08-20
BTT6200-1EJA INFINEON-BTT6200-1EJA Datasheet
2Mb / 48P
Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-08-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com