Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9826 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9826
Description  Octal Low-Side Driver for Resistive and Inductive Loads with Serial/Parallel Input Control, Output Protection and Diagnostic
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9826 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9826 Datasheet HTML 6Page - STMicroelectronics L9826 Datasheet HTML 7Page - STMicroelectronics L9826 Datasheet HTML 8Page - STMicroelectronics L9826 Datasheet HTML 9Page - STMicroelectronics L9826 Datasheet HTML 10Page - STMicroelectronics L9826 Datasheet HTML 11Page - STMicroelectronics L9826 Datasheet HTML 12Page - STMicroelectronics L9826 Datasheet HTML 13Page - STMicroelectronics L9826 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
4 Functional Description
L9826
10/17
CD00002120
4
Functional Description
4.1
General
The L9826 integrated circuit features 8 power low-side-driver outputs. Data is transmitted to the
device using the Serial Peripheral Interface, SPI protocol. Outputs 1 and 2 can be controlled
parallel or serial. The power outputs features voltage clamping function for flyback current
recirculation and are protected against short circuit to Vbat.
The diagnostics recognizes two outputs fault conditions: 1) overcurrent for outputs 3 to 8 ,
overcurrent and thermal overload for outputs 1 and 2 in switch-on condition and 2) open load
or short to GND in switch-off condition for all outputs. The outputs status can be read out via
the serial interface.
The chip internal reset is a OR function of the external nRes signal and internally generated
undervoltage nRes signal.
4.2
Output Stages Control
Each output is controlled with its latch and with common reset line, which enables all eight
outputs. Outputs 1 and 2 can be controlled also by its NON1, NON2 inputs. It allows PWM
control independently on the SPI. These inputs features internal pull-up resistors to assure that
the outputs are switched off, when the inputs are open.
The control data are transmitted via the SDI input, the timing of the serial interface is shown in
Figure 4..
The device is selected with low NCS signal and the input data are transferred into the 8 bit shift
register at every falling CLK edge. The rising edge of the NCS latches the new data from the
shift register to the drivers.
Figure 4.
Timing of the Serial Interface
The SPI register data are transferred to the output latch at rising NCS edge. The digital filter
between NCS and the output latch ensures that the data are transferred only after 8 CLK cycles
or multiple of 8 CLK cycles since the last NCS falling edge. The NCS changes only at low CLK.
NCS
CLK
SDI
SDO
tsclch
thclcl
tclh
tcll
tsclcl
thclch
tcsdv
tpcld
tpchdz
not defined
D8
D1
tscld
thcld
D8
D7
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com