Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP70025IPZP Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TVP70025IPZP
Description  TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP70025IPZP Datasheet(HTML) 39 Page - Texas Instruments

Back Button TVP70025IPZP Datasheet HTML 35Page - Texas Instruments TVP70025IPZP Datasheet HTML 36Page - Texas Instruments TVP70025IPZP Datasheet HTML 37Page - Texas Instruments TVP70025IPZP Datasheet HTML 38Page - Texas Instruments TVP70025IPZP Datasheet HTML 39Page - Texas Instruments TVP70025IPZP Datasheet HTML 40Page - Texas Instruments TVP70025IPZP Datasheet HTML 41Page - Texas Instruments TVP70025IPZP Datasheet HTML 42Page - Texas Instruments TVP70025IPZP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
Green Coarse Offset
Red Coarse Offset
HSOUT Output Start
MISC Control 4
TVP70025I
www.ti.com ...................................................................................................................................................................................................... SLES232 – JUNE 2008
Subaddress
1Fh
Default (10h)
7
6
5
4
3
2
1
0
Reserved
Green Coarse Offset [5:0]
Green Coarse Offset [5:0]: 6-bit coarse analog offset for Green channel (applied before ADC). 6-bit sign magnitude value.
Subaddress
20h
Default (10h)
7
6
5
4
3
2
1
0
Reserved
Red Coarse Offset [5:0]
Red Coarse Offset [5:0]: 6-bit coarse analog offset for Red channel (applied before ADC). 6-bit sign magnitude value.
Subaddress
21h
Default (0Dh)
7
6
5
4
3
2
1
0
HSOUT Start [7:0]
HSOUT Start [7:0]: Adjusts the leading edge of the HSYNC output relative to the leading edge of the HSYNC input in pixel or clock cycles.
Subaddress
22h
Default (08h)
7
6
5
4
3
2
1
0
SP Reset
Yadj_delay [2:0]
MAC_EN
Coast Dis
VS Select
VS Bypass
SP Reset: Active-high reset for Sync Processing block. This bit may be used to manually reset the sync separator, sync accumulator, activity
and polarity detectors, and line and pixels counters.
0 = Normal operation (default)
1 = Sync processing reset
Yadj_delay [2:0]: Adjusts the phase delay of the luma output relative to the chroma output. Used to compensate for the chroma delay
associated with the 4:4:4 to 4:2:2 chroma sample conversion.
0h = Minimum delay (default)
7h = Maximum delay
MAC_EN: Toggling of the MAC_EN bit was required for TVP7000 and TVP7001 Macrovision support. This is no longer required with the
TVP70025I.
0 = Macrovision stripper disabled.
1 = Macrovision stripper enabled (default)
NOTE: When the Macrovsion stripper is enabled, sync separation and ALC and Clamp pulse placement is affected by the
Macrovision Stripper Width setting. See Register 34h for details.
Coast Dis: Active-high internal coast signal disable for 5-wire PC graphics inputs. Has no effect when the external coast signal is selected.
See bit 5 of register 0Fh.
0 = Internal coast signal enabled (default)
1 = Internal coast signal disabled
VS Select: VSYNC select
0 = VSOUT is generated by the sync separator.
1 = VSOUT is generated by the half line accumulator. (default)
VS Bypass: VSYNC timing bypass
0 = Normal operation (default). VS is derived from the sync separator or half line accumulator based on VS select, and the
internal pixel/line counters. Register 35h can be used to adjust VSOUT alignment relative to HSOUT.
1 = Bypass VSYNC processing. VSOUT is derived directly from the sync separator. VSOUT delay varies with sync separator
threshold (register 11h). Register 35h has no effect.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): TVP70025I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com