Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP70025IPZP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TVP70025IPZP
Description  TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP70025IPZP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TVP70025IPZP Datasheet HTML 12Page - Texas Instruments TVP70025IPZP Datasheet HTML 13Page - Texas Instruments TVP70025IPZP Datasheet HTML 14Page - Texas Instruments TVP70025IPZP Datasheet HTML 15Page - Texas Instruments TVP70025IPZP Datasheet HTML 16Page - Texas Instruments TVP70025IPZP Datasheet HTML 17Page - Texas Instruments TVP70025IPZP Datasheet HTML 18Page - Texas Instruments TVP70025IPZP Datasheet HTML 19Page - Texas Instruments TVP70025IPZP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
RGB-to-YCbCr Color Space Conversion
4:4:4 to 4:2:2 Conversion
TVP70025I
SLES232 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
The TVP70025I supports RGB-to-YCbCr color space conversion (CSC) with I2C programmable coefficients. The
TVP70025I should default to the CSC coefficients required for HDTV component video inputs. The TVP70025I
supports the ability to bypass the CSC block and defaults to the bypass mode (bit 3of subaddress 23h).
RGB-to-YCbCr
CSC
coefficients
for
HDTV
component
video
(see
CEA-770.3-C,
ITU-R
BT.709)
(default coefficients):
G'
B'
R'
Y
00000016E3
000000024F
00000006CE
Pb
FFFFFFF3AB
0000001000
FFFFFFFC55
Pr
FFFFFFF178
FFFFFFFE88
0000001000
RGB-to-YCbCr
CSC
coefficients
for
SDTV
component
video
(see
CEA-770.2-C,
ITU-R
BT.601)
(informative only):
G'
B'
R'
Y
00000012C9
00000003A6
0000000991
Pb
FFFFFFF566
0000001000
FFFFFFFA9A
Pr
FFFFFFF29A
FFFFFFFD66
0000001000
For 4:4:4 YPbPr component video inputs, the TVP70025I can downsample the chroma samples (CbCr) from 1×
to 0.5× using a 27-tap half-band filter.
NOTE:
• Selection between the 30-bit 4:4:4 output format and the 20-bit 4:2:2 output format is made
using bit 1 of register 15h.
• Multiplexed CbCr data is output on BOUT [9:0] in the 20-bit 4:2:2 output format.
• 4:4:4 to 4:2:2 conversion is implemented after RGB-to-YCbCr color space conversion.
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TVP70025I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com