Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP70025IPZP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TVP70025IPZP
Description  TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP70025IPZP Datasheet(HTML) 1 Page - Texas Instruments

  TVP70025IPZP Datasheet HTML 1Page - Texas Instruments TVP70025IPZP Datasheet HTML 2Page - Texas Instruments TVP70025IPZP Datasheet HTML 3Page - Texas Instruments TVP70025IPZP Datasheet HTML 4Page - Texas Instruments TVP70025IPZP Datasheet HTML 5Page - Texas Instruments TVP70025IPZP Datasheet HTML 6Page - Texas Instruments TVP70025IPZP Datasheet HTML 7Page - Texas Instruments TVP70025IPZP Datasheet HTML 8Page - Texas Instruments TVP70025IPZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
1
FEATURES
APPLICATIONS
TVP70025I
www.ti.com ...................................................................................................................................................................................................... SLES232 – JUNE 2008
TRIPLE 10-BIT, 90-MSPS,
VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
23
• Analog Channels
• Horizontal Phase-Locked Loop (PLL)
–
–6-dB to 6-dB Analog Gain
–
Fully Integrated Horizontal PLL for Pixel
Clock Generation
–
Analog Input Multiplexers (MUXs)
–
9-MHz to 90-MHz Pixel Clock Generation
–
Automatic Video Clamp
From HSYNC Input
–
Three Digitizing Channels, Each With
–
Adjustable Horizontal PLL Loop Bandwidth
Independently Controllable Clamp, Gain,
for Minimum Jitter
Offset, and Analog-to-Digital Converter
(ADC)
–
5-Bit Programmable Subpixel Accurate
Positioning of Sampling Phase
–
Clamping: Selectable Clamping Between
Bottom Level and Mid Level
• Output Formatter
–
Offset: 1024-Step Programmable RGB or
–
Supports 20-bit 4:2:2 Outputs With
YPbPr Offset Control
Embedded Syncs
–
Gain: 8-Bit Programmable Gain Control
–
Support for RGB/YCbCr 4:4:4 and YCbCr
4:2:2 Output Modes to Reduce Board
–
ADC: 10-Bit 90-MSPS A/D Converter
Traces
–
Automatic Level Control (ALC) Circuit
–
Dedicated DATACLK Output With
–
Composite Sync: Integrated Sync-on-Green
Programmable Output Polarity for Easy
Extraction From Green/Luminance Channel
Latching of Output Data
–
Support for DC- and AC-Coupled Input
• System
Signals
–
Industry-Standard Normal/Fast I2C Interface
–
Programmable Video Bandwidth Control
With Register Readback Capability
–
Supports Component Video Standards 480i,
–
Space-Saving 100-Pin TQFP Package
576i, 480p, 576p, 720p, and 1080i
–
Thermally-Enhanced PowerPAD™ Package
–
Supports PC Graphics Inputs up to 90
for Better Heat Dissipation
MSPS
–
Industrial Temperature Range –40°C to
–
Programmable RGB-to-YCbCr Color Space
85°C
Conversion
• Digital Image Processing
• LCD TV/Monitors/Projectors
• Video Capture/Video Editing
• DLP TV/Projectors
• Scan Rate/Image Resolution Converters
• PDP TV/Monitors
• Video Conferencing
• LCOS TV/Monitors
• Video/Graphics Digitizing Equipment
• PCTV Set-Top Boxes
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TVP70025IPZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP7002 TI-TVP7002 Datasheet
618Kb / 52P
TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP7002 TI1-TVP7002 Datasheet
542Kb / 58P
TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP7002IPZP TI1-TVP7002IPZP Datasheet
542Kb / 58P
TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP7002IPZPR TI1-TVP7002IPZPR Datasheet
542Kb / 58P
TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP7002PZP TI-TVP7002PZP Datasheet
618Kb / 52P
TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
More results

Similar Description - TVP70025IPZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP7000 TI-TVP7000 Datasheet
316Kb / 37P
TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
TVP7001 TI-TVP7001 Datasheet
391Kb / 32P
TRIPLE 8/10-BIT, 165/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
THS8083T TI-THS8083T Datasheet
262Kb / 61P
Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
TVP7002 TI-TVP7002 Datasheet
618Kb / 52P
TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
logo
Intersil Corporation
ISL98001 INTERSIL-ISL98001_07 Datasheet
370Kb / 31P
Triple Video Digitizer with Digital PLL
August 20, 2007
logo
Texas Instruments
THS8136 TI-THS8136 Datasheet
480Kb / 17P
TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
logo
Intersil Corporation
ISL98001 INTERSIL-ISL98001 Datasheet
474Kb / 31P
Triple Video Digitizer with Digital PLL
September 21, 2010
logo
Texas Instruments
THS8083 TI1-THS8083 Datasheet
271Kb / 61P
Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
TVP7002 TI1-TVP7002_16 Datasheet
542Kb / 58P
TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP7000 TI1-TVP7000_17 Datasheet
364Kb / 39P
TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com