Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP70025IPZP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TVP70025IPZP
Description  TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP70025IPZP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TVP70025IPZP Datasheet HTML 3Page - Texas Instruments TVP70025IPZP Datasheet HTML 4Page - Texas Instruments TVP70025IPZP Datasheet HTML 5Page - Texas Instruments TVP70025IPZP Datasheet HTML 6Page - Texas Instruments TVP70025IPZP Datasheet HTML 7Page - Texas Instruments TVP70025IPZP Datasheet HTML 8Page - Texas Instruments TVP70025IPZP Datasheet HTML 9Page - Texas Instruments TVP70025IPZP Datasheet HTML 10Page - Texas Instruments TVP70025IPZP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
TVP70025I
www.ti.com ...................................................................................................................................................................................................... SLES232 – JUNE 2008
over operating free-air temperature range (unless otherwise noted)
IOVDD to IOGND
–0.5 V to 4.5 V
DVDD to DGND
–0.5 V to 2.3 V
Supply voltage range
PLL_AVDD to PLL_AGND and AVDD to AGND
–0.5 V to 2.3 V
A33VDD to A33GND
–0.5 V to 4.5 V
Digital input voltage range
VI to DGND
–0.5 V to 4.5 V
Analog input voltage range
AI to A33GND
–0.2 V to 2.3 V
Digital output voltage range
VO to DGND
–0.5 V to 4.5 V
TA
Operating free-air temperature range
-40C to 85°C
Tstg
Storage temperature range
–65°C to 150°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX
UNIT
IOVDD
Digital I/O supply voltage
3
3.3
3.6
V
DVDD
Digital supply voltage
1.7
1.8
1.95
V
PLL_AVDD
Analog supply voltage for horizontal PLL
1.7
1.8
1.95
V
AVDD
Analog supply voltage
1.7
1.8
1.95
V
A33VDD
Analog supply voltage
3
3.3
3.6
V
VI(PP)
Analog input voltage (ac coupling necessary)
0.5
2
V
VIH
Digital input voltage high
0.7 IOVDD
V
VIL
Digital input voltage low
0.3 IOVDD
V
IOH
High-level output current
2
mA
IOL
Low-level output current
–2
mA
IOH_DATACLK
DATACLK high-level output current
4
mA
IOL_DATACLK
DATACLK low-level output current
–4
mA
ADC conversion rate
9
90
MHz
TA
Operating free-air temperature
–40
85
°C
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TVP70025I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com