Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP70025IPZP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TVP70025IPZP
Description  TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP70025IPZP Datasheet(HTML) 21 Page - Texas Instruments

Back Button TVP70025IPZP Datasheet HTML 17Page - Texas Instruments TVP70025IPZP Datasheet HTML 18Page - Texas Instruments TVP70025IPZP Datasheet HTML 19Page - Texas Instruments TVP70025IPZP Datasheet HTML 20Page - Texas Instruments TVP70025IPZP Datasheet HTML 21Page - Texas Instruments TVP70025IPZP Datasheet HTML 22Page - Texas Instruments TVP70025IPZP Datasheet HTML 23Page - Texas Instruments TVP70025IPZP Datasheet HTML 24Page - Texas Instruments TVP70025IPZP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
Embedded Syncs
Output Range Limits
Power Management
TVP70025I
www.ti.com ...................................................................................................................................................................................................... SLES232 – JUNE 2008
Standard embedded syncs insert SAV and EAV codes into the data stream on the rising and falling edges of
AVID. These codes contain the V and F bits that also define vertical timing. Table 4 gives the format of the SAV
and EAV codes.
H = 1 always indicates EAV. H = 0 always indicates SAV. The alignment of V and F to the line and field counter
varies depending on the standard. The P bits are protection bits:
P3 = V xor H
P2 = F xor H
P1 = F xor V
P0 = F xor V xor H
Table 4. EAV and SAV Sequence
Y9 (MSB)
Y8
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
Preamble
1
1
1
1
1
1
1
1
1
1
Preamble
0
0
0
0
0
0
0
0
0
0
Preamble
0
0
0
0
0
0
0
0
0
0
Status
1
F
V
H
P3
P2
P1
P0
0
0
The insertion location of the SAV/EAV codes on a video line is programmable using the AVID start/stop pixel
values located at subaddresses 40h through 43h.
NOTE:
When enabled (bit 0 of subaddress 15h), embedded syncs are present in both the Y
and C outputs.
The TVP70025I provides selectable output range limits in I2C subaddress 15h:
00 = RGB coding range (Y, Cb, and Cr range from 0 to 1023) (default)
01 = Extended coding range (Y, Cb, and Cr range from 4 to 1019)
10 = ITU-R BT.601 coding range (Y ranges from 64 to 940, Cb and Cr range from 64 to 960)
11 = Reserved
NOTE:
RGB coding range not allowed with embedded syncs.
The TVP70025I supports both automatic and manual power-down modes. The automatic power-down mode can
be selected by setting bit 2 of subaddress 0Fh to logic 0.
In the automatic power-down mode, the TVP70025I powers down the ADCs, the ADC reference, and horizontal
PLL when activity is not detected on both the selected HSYNC input and the selected SOG input (VSYNC is no
longer used). The TVP70025I restores power whenever activity is detected on either the selected HSYNC input
or the selected SOG input.
The TVP70025I also can be placed in power-down mode via the active-high PWDN input (pin 70). When the
PWDN input is driven high, the TVP70025I powers down everything including the I2C interface, and the digital
outputs are not placed in a high-impedance mode.
The TVP70025I also can be placed in a power-down mode using bit 1 of register 0Fh.
Individual blocks of the TVP70025I can be independently powered down using register 2Bh.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TVP70025I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com