Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38048FEHKP Datasheet(PDF) 332 Page - Renesas Technology Corp

Part # M38048FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38048FEHKP Datasheet(HTML) 332 Page - Renesas Technology Corp

Back Button M38048FEHKP Datasheet HTML 328Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 329Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 330Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 331Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 332Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 333Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 334Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 335Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 336Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 387 page
background image
3-42
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.3 Notes on use
(4)
JMP instruction
When using the JMP instruction in indirect addressing mode, do not specify the last address on a
page as an indirect address.
(5)
Multiplication and Division Instructions
• The index X mode (T) and the decimal mode (D) flags do not affect the MUL and DIV instruction.
• The execution of these instructions does not change the contents of the processor status register.
(6)
Ports
The contents of the port direction registers cannot be read. The following cannot be used:
• The data transfer instruction (LDA, etc.)
• The operation instruction when the index X mode flag (T) is “1”
• The instruction with the addressing mode which uses the value of a direction register as an index
• The bit-test instruction (BBC or BBS, etc.) to a direction register
• The read-modify-write instructions (ROR, CLB, or SEB, etc.) to a direction register.
Use instructions such as LDM and STA, etc., to set the port direction registers.
3.3.21 Notes on flash memory version
The CNVss pin determines the flash memory mode. To improve the noise reduction, connect a track
between CNVss pin and Vss pin or Vcc pin with 1 to 10km resistance. The mask ROM version track of
CNVss pin has no operational interference even if it is connected to Vss pin or Vcc pin via a resistor.
3.3.22 Notes on electric characteristic differences between mask ROM and flash nemory version MCUs
There are differences in electric characteristics, operation margin, noise immunity, and noise radiation
between Mask ROM and Flash Memory version MCUs due to the difference in the manufacturing processes,
built-in ROM, and layout pattern etc. When manufacturing an application system with the Flash Memory
version and then switching to use of the Mask ROM version, please conduct evaluations equivalent to the
system evaluations conducted for the flash memory version.
3.3.23 Notes on handling of power source pins
In order to avoid a latch-up occurrence, connect a capacitor suitable for high frequencies as bypass
capacitor between power source pin (Vcc pin) and GND pin (Vss pin), and between power source pin (Vcc
pin) and analog power source input pin (AVss pin). Besides, connect the capacitor to as close as possible.
For bypass capacitor which should not be located too far from the pins to be connected, a ceramic
capacitor of 0.01
µF–0.1 µF is recommended.
3.3.24 Power Source Voltage
When the power source voltage value of a microcomputer is less than the value which is indicated as the
recommended operating conditions, the microcomputer does not operate normally and may perform unstable
operation.
In a system where the power source voltage drops slowly when the power source voltage drops or the
power supply is turned off, reset a microcomputer when the power source voltage is less than the recommended
operating conditions and design a system not to cause errors to the system by this unstable operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com