Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38048FEHKP Datasheet(PDF) 334 Page - Renesas Technology Corp

Part # M38048FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38048FEHKP Datasheet(HTML) 334 Page - Renesas Technology Corp

Back Button M38048FEHKP Datasheet HTML 330Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 331Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 332Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 333Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 334Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 335Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 336Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 337Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 338Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 387 page
background image
3-44
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.4 Countermeasures against noise
(2)
Wiring for clock input/output pins
• Make the length of wiring which is connected to clock I/O pins as short as possible.
• Make the length of wiring (within 20 mm) across the grounding lead of a capacitor which is
connected to an oscillator and the VSS pin of a microcomputer as short as possible.
• Separate the VSS pattern only for oscillation from other VSS patterns.
q Reason
If noise enters clock I/O pins, clock waveforms may be deformed. This may cause a program
failure or program runaway. Also, if a potential difference is caused by the noise between the VSS
level of a microcomputer and the VSS level of an oscillator, the correct clock will not be input in
the microcomputer.
Noise
XIN
XOUT
VSS
XIN
XOUT
VSS
N.G.
O.K.
Fig. 3.4.2 Wiring for clock I/O pins
(3)
Wiring to CNVss pin
Connect the CNVss pin to the Vss pin with the shortest possible wiring.
q Reason
The processor mode of a microcomputer is influenced by a potential at the CNVss pin. If a
potential difference is caused by the noise between pins CNVss and Vss, the processor mode may
become unstable. This may cause a microcomputer malfunction or a program runaway.
Fig. 3.4.3 Wiring for CNVss pin
Noise
CNVSS
VSS
CNVSS
VSS
N.G.
O.K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com