Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38048FEHKP Datasheet(PDF) 370 Page - Renesas Technology Corp

Part # M38048FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38048FEHKP Datasheet(HTML) 370 Page - Renesas Technology Corp

Back Button M38048FEHKP Datasheet HTML 366Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 367Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 368Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 369Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 370Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 371Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 372Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 373Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 374Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 387 page
background image
3-80
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.6 Package outline
64
33
32
1
b
b1
b2
e
SEATING PLANE
D
SDIP64-P-750-1.78
Weight(g)
–
7.9
JEDEC Code
EIAJ Package Code
Lead Material
Alloy 42/Cu Alloy
64P4B
Plastic 64pin 750mil SDIP
Symbol
Min
Nom
Max
A
A2
b
b1
b2
c
E
D
L
Dimension in Millimeters
A1
0.38
––
–
3.8
–
0.4
0.5
0.59
0.9
1.0
1.3
0.65
0.75
1.05
0.2
0.25
0.32
56.2
56.4
56.6
16.85
17.0
17.15
–
1.778
–
–
19.05
–
2.8
––
0°–
15°
––
5.08
e
e1
3.6 Package outline
QFP64-P-1414-0.80
1.11
Weight(g)
–
JEDEC Code
EIAJ Package Code
Lead Material
Alloy 42
64P6N-A
Plastic 64pin 14✕14mm body QFP
–
–
––
–
–
––
–
–
–
–
–
Symbol
Min
Nom
Max
A
A2
b
c
D
E
HE
L
L1
y
b2
Dimension in Millimeters
HD
A1
0.2
0.1
0.5
–
–
I2
1.3
–
–
MD
14.6
–
–
ME
14.6
10°
0°
0.1
1.4
0.8
0.6
0.4
17.1
16.8
16.5
17.1
16.8
16.5
0.8
14.2
14.0
13.8
14.2
14.0
13.8
0.2
0.15
0.13
0.45
0.35
0.3
2.8
0
3.05
e
e
1
64
49
32
48
33
17
16
HD
D
MD
A
F
b
L1
L
y
I2
Recommended Mount Pad
Detail F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com