Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38048FEHKP Datasheet(PDF) 371 Page - Renesas Technology Corp

Part # M38048FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38048FEHKP Datasheet(HTML) 371 Page - Renesas Technology Corp

Back Button M38048FEHKP Datasheet HTML 367Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 368Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 369Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 370Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 371Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 372Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 373Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 374Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 375Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 387 page
background image
3-81
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.6 Package outline
LQFP64-P-1010-0.5
Weight(g)
—
JEDEC Code
EIAJ Package Code
Lead Material
Cu Alloy
64P6Q-A
Plastic 64pin 10✕10mm body LQFP
—
0.1
—
——
0.2
—
—
——
—
—
—
—
—
Symbol
Min
Nom
Max
A
A2
b
c
D
E
HE
L
L1
y
b2
Dimension in Millimeters
HD
A1
0.225
—
—
I2
1.0
—
—
MD
10.4
—
—
ME
10.4
10¡
0¡
0.1
1.0
0.7
0.5
0.3
12.2
12.0
11.8
12.2
12.0
11.8
0.5
10.1
10.0
9.9
10.1
10.0
9.9
0.175
0.125
0.105
0.28
0.18
0.13
1.4
0
1.7
e
e
49
48
33
32
17
16
1
64
HD
D
MD
A
F
y
I2
Recommended Mount Pad
Lp
0.45
—
—
0.6
0.25
—
0.75
—
0.08
x
A3
b
x
M
L1
L
Detail F
Lp
LQFP64-P-1414-0.8
Weight(g)
—
JEDEC Code
EIAJ Package Code
Lead Material
Cu Alloy
64P6U-A
Plastic 64pin 14✕14mm body LQFP
—
0.1
0.8
—
——
0.2
—
—
——
—
—
—
—
—
Symbol
Min
Nom
Max
A
A2
b
c
D
E
HE
L
L1
y
b2
Dimension in Millimeters
HD
A1
—
—
I2
—
—
MD
14.4
—
—
ME
14.4
0¡
8¡
0.1
0.2
1.0
0.7
0.5
0.3
16.2
15.8
14.1
13.9
16.2
15.8
14.0
14.1
13.9
14.0
16.0
16.0
0.175
0.125
0.105
0.45
0.37
0.32
1.4
0
1.7
e
Lp
0.45
0.95
—
—
0.6
0.5
0.25
—
0.75
—
x
A3
Recommended Mount Pad
Detail F
49
1
16
48
33
64
32
17
HD
D
A
y
b
x
M
e
F
MD
l2
L1
L
Lp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com