Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38048FEHKP Datasheet(PDF) 301 Page - Renesas Technology Corp

Part # M38048FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38048FEHKP Datasheet(HTML) 301 Page - Renesas Technology Corp

Back Button M38048FEHKP Datasheet HTML 297Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 298Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 299Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 300Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 301Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 302Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 303Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 304Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 305Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 387 page
background image
3-11
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.1 Electrical characteristics
Note: When the P45/TxD1 P-channel output disable bit of the UART1 control register (bit 4 of address 001B16) is “0”.
Table 3.1.13 Switching characteristics
(VCC = 2.7 to 5.5 V, VSS = 0V, Ta = –20 to 85 °C, unless otherwise noted)
Limits
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Parameter
Max.
140
200
350
30
35
40
30
35
40
200
250
300
30
35
40
30
35
40
30
35
40
Symbol
Unit
Typ.
0
0
0
10
12
15
10
12
15
Min.
tC(SCLK1)2-30, tC(SCLK3)/2-30
tC(SCLK1)2-35, tC(SCLK3)/2-35
tC(SCLK1)2-40, tC(SCLK3)/2-40
tC(SCLK1)2-30, tC(SCLK3)/2-30
tC(SCLK1)2-35, tC(SCLK3)/2-35
tC(SCLK1)2-40, tC(SCLK3)/2-40
-30
-30
-30
tC(SCLK2)/2-160
tC(SCLK2)/2-200
tC(SCLK2)/2-240
tC(SCLK2)/2-160
tC(SCLK2)/2-200
tC(SCLK2)/2-240
4.5
≤VCC≤5.5 V
4.0
≤VCC<4.5 V
2.7
≤VCC<4.0 V
4.5
≤VCC≤5.5 V
4.0
≤VCC<4.5 V
2.7
≤VCC<4.0 V
4.5
≤VCC≤5.5 V
4.0
≤VCC<4.5 V
2.7
≤VCC<4.0 V
4.5
≤VCC≤5.5 V
4.0
≤VCC<4.5 V
2.7
≤VCC<4.0 V
4.5
≤VCC≤5.5 V
4.0
≤VCC<4.5 V
2.7
≤VCC<4.0 V
4.5
≤VCC≤5.5 V
4.0
≤VCC<4.5 V
2.7
≤VCC<4.0 V
4.5
≤VCC≤5.5 V
4.0
≤VCC<4.5 V
2.7
≤VCC<4.0 V
4.5
≤VCC≤5.5 V
4.0
≤VCC<4.5 V
2.7
≤VCC<4.0 V
4.5
≤VCC≤5.5 V
4.0
≤VCC<4.5 V
2.7
≤VCC<4.0 V
4.5
≤VCC≤5.5 V
4.0
≤VCC<4.5 V
2.7
≤VCC<4.0 V
4.5
≤VCC≤5.5 V
4.0
≤VCC<4.5 V
2.7
≤VCC<4.0 V
4.5
≤VCC≤5.5 V
4.0
≤VCC<4.5 V
2.7
≤VCC<4.0 V
4.5
≤VCC≤5.5 V
4.0
≤VCC<4.5 V
2.7
≤VCC<4.0 V
Serial I/O1, serial I/O3
clock output “H” pulse width
Serial I/O1, serial I/O3
clock output “L” pulse width
Serial I/O1, serial I/O3
output delay time (Note)
Serial I/O1, serial I/O3
output valid time (Note)
Serial I/O1, serial I/O3
rise time of clock output
Serial I/O1, serial I/O3
fall time of clock output
Serial I/O2
clock output “H” pulse width
Serial I/O2
clock output “L” pulse width
Serial I/O2
output delay time
Serial I/O2
output valid time
Serial I/O2
fall time of clock output
CMOS
rise time of output (Note)
CMOS
fall time of output (Note)
tWH(SCLK1)
tWH(SCLK3)
tWL(SCLK1)
tWL(SCLK3)
td(SCLK1-TxD1)
td(SCLK3-TxD3)
tV(SCLK1-TxD1)
tV(SCLK3-TxD3)
tr(SCLK1)
tr(SCLK3)
tf(SCLK1)
tf(SCLK3)
tWH(SCLK2)
tWL(SCLK2)
td(SCLK2-SOUT2)
tV(SCLK2-SOUT2)
tf(SCLK2)
tr(CMOS)
tf(CMOS)
Test
conditions
Fig. 3.1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com