Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38048FEHKP Datasheet(PDF) 305 Page - Renesas Technology Corp

Part # M38048FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38048FEHKP Datasheet(HTML) 305 Page - Renesas Technology Corp

Back Button M38048FEHKP Datasheet HTML 301Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 302Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 303Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 304Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 305Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 306Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 307Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 308Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 309Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 387 page
background image
3-15
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.2 Standard characteristics
3.2 Standard characteristics
Standard characteristics described below are just examples of the 3804 Group (spec. H)’s characteristics
and are not guaranteed. For rated values, refer to “3.1 Electrical characteristics”.
3.2.1 Power source current standard characteristics
0.0
1.0
2.0
3.0
4.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Vcc (V)
16.8 MHz
12.5 MHz
8.4 MHz
6.3 MHz
Fig. 3.2.1 Power source current standard characteristics (in high-speed mode)
Fig. 3.2.2 Power source current standard characteristics (in middle-speed mode)
High-speed mode (TYP, 25 °C)
[
φφφφφ = XIN/2, XCIN = 32.768 kHz]
0.0
2.0
4.0
6.0
8.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Vcc (V)
16.8 MHz
12.5 MHz
8.4 MHz
4.2 MHz
2.1 MHz
Middle-speed mode (TYP, 25 °C)
[
φφφφφ = XIN/8, XCIN = stopped]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com