Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7421 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7421
Description  AM/FM TUNER FOR CAR RADIO AND Hi-Fi APPLICATIONS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7421 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7421 Datasheet HTML 1Page - STMicroelectronics TDA7421 Datasheet HTML 2Page - STMicroelectronics TDA7421 Datasheet HTML 3Page - STMicroelectronics TDA7421 Datasheet HTML 4Page - STMicroelectronics TDA7421 Datasheet HTML 5Page - STMicroelectronics TDA7421 Datasheet HTML 6Page - STMicroelectronics TDA7421 Datasheet HTML 7Page - STMicroelectronics TDA7421 Datasheet HTML 8Page - STMicroelectronics TDA7421 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
FRONT-END FOR AM/FM RECEIVERS
UP-CONVERSION ARCHITECTURE FOR AM
HIGH SPEED PLL WITH INLOCK DETECTOR
FOR OPTIMIZED RDS APPLICATIONS
SINGLE FREQUENCY REFERENCE FOR AM/FM
AM/FM STATION DETECTOR
µP-CONTROLLED COMPENSATION OF EX-
TERNAL COMPONENTS SPREAD
ADJUSTABLE AUDIO MUTE
FULLY PROGRAMMABLE BY I
2C BUS
ADVANCED BICMOS TECHNOLOGY
GENERAL DESCRIPTION
The TDA7421 is a high performance tuner circuit
that integrates AM/FM sections, IF counter and
PLL synthesizer on a single chip.
Use of BICMOS technology allows the implemen-
tation of tuning functions with a minimum of exter-
nal components.
Value spread of external components can be fully
compensated by means of on-chip electrical ad-
justment controlled by external
µP.
The Automatic Gain Control (AGC) operates on
different sensitivities and bandwidths in order to
improve sensitivity and dynamic range. I
2C bus
allows to control selected functions of the tuner
(AGC and amplifiers gain, PLL and counters op-
eration modes).
June 1998
1
2
3
5
6
4
7
8
9
10
27
11
28 29 30 31 32
59 58 57 56
54
55
53 52 51 50 49
43
42
41
39
38
40
48
47
46
44
45
FM AGC OUT
FM RF AGC IN
FM MIX IN +
AM MIX1 IN +
AM MIX1 IN -
FM MIX IN -
XTAL D
OSC GND
VCO E
RF GND
VCO B
FM BW TC
FM MUTE DRIVE
FM SMETER AM SMETER
FM DET ADJ
FM QUAD+
FM SD AM SD
FM IF AMP2 OUT
IF1 VCC
FM LIM IN +
IF1 GND
FM LIM IN -
D96AU546A
22 23 24 25 26
60
61
62
63
64
17 18 19 20 21
37
36
34
33
35
FM QUAD-
IF2 VCC
AM REF
AM BPF
AM IF2 IN
12
13
14
15
16
PLL VCC
FM RF ADJ
FM ANT ADJ
XTAL G
OSC VCC
AUDIO OUT
PINS CONNECTION
TQFP64
ORDERING NUMBER: TDA7421
TDA7421
AM/FM TUNER FOR CAR RADIO
AND Hi-Fi APPLICATIONS
®
1/38


Similar Part No. - TDA7421

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7421N STMICROELECTRONICS-TDA7421N Datasheet
325Kb / 38P
AM/FM TUNER FOR CAR RADIO AND HI-FI APPLICATIONS
Aug-2000
More results

Similar Description - TDA7421

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7511 STMICROELECTRONICS-TDA7511 Datasheet
792Kb / 41P
AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
Nov-2001
logo
Sanyo Semicon Device
LA1130 SANYO-LA1130 Datasheet
216Kb / 5P
AM Tuner for Car Radio
LA1883M SANYO-LA1883M Datasheet
168Kb / 8P
Single-Chip FM/AM Tuner for Car Radio and Home Stereo Equipment?
logo
Hitachi Semiconductor
HA1199 HITACHI-HA1199 Datasheet
585Kb / 7P
AM Tuner for Car Radio
logo
STMicroelectronics
TDA7421N STMICROELECTRONICS-TDA7421N Datasheet
325Kb / 38P
AM/FM TUNER FOR CAR RADIO AND HI-FI APPLICATIONS
Aug-2000
TDA7705 STMICROELECTRONICS-TDA7705_10 Datasheet
402Kb / 42P
Highly integrated tuner for AM/FM car radio
22-Mar-2010
TDA7703 STMICROELECTRONICS-TDA7703 Datasheet
211Kb / 32P
Highly integrated tuner for AM/FM car radio
April 2009 Rev 1
TDA7705 STMICROELECTRONICS-TDA7705 Datasheet
427Kb / 42P
Highly integrated tuner for AM/FM car radio
17-Sep-2013
TDA7706 STMICROELECTRONICS-TDA7706 Datasheet
291Kb / 16P
Highly integrated tuner for AM/FM car-radio
16-Sep-2013
TDA7703R STMICROELECTRONICS-TDA7703R Datasheet
229Kb / 32P
Highly integrated tuner for AM/FM car radio
29-Jan-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com