Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7421 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7421
Description  AM/FM TUNER FOR CAR RADIO AND Hi-Fi APPLICATIONS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7421 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7421 Datasheet HTML 12Page - STMicroelectronics TDA7421 Datasheet HTML 13Page - STMicroelectronics TDA7421 Datasheet HTML 14Page - STMicroelectronics TDA7421 Datasheet HTML 15Page - STMicroelectronics TDA7421 Datasheet HTML 16Page - STMicroelectronics TDA7421 Datasheet HTML 17Page - STMicroelectronics TDA7421 Datasheet HTML 18Page - STMicroelectronics TDA7421 Datasheet HTML 19Page - STMicroelectronics TDA7421 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
quency. In FM mode a 6.25 KHz, in AM mode a
1KHz signal is generated. This counter is fol-
lowed by an asynchronous divider to generate
several sampling times.
Intermediate Frequency Main Counter (IFMC)
This counter is a 13-21 bit synchronous autore-
load down-counter. Four bits are programmable
to have the possibility for an adjust to the fre-
quency of the IF filter.
The counter length is automatically adjusted to
the chosen sampling time and the counter mode.
At the start the counter will be loaded with a de-
fined value which is an equivalent to the divider
value (tsample fIF).
If a correct frequency is applied to the IF counter
frequency inputs IF-AM and IF-FM, at the end of
the sampling time the main counter is changing
its state from 0 to 1FFFFFH.
This is detected by a control logic. The frequency
range inside which a successful count results is
detected is adjustable setting bits EW 0, 1, 2.
Up-down counter filter
The information coming from the IF main counter
control logic is shifted into a 5 bit up down
counter circuit clocked by the sampling time sig-
nal. At the start (rising edge of the IFENA signal)
the counter is set to 10H and the SSTOP signal is
forced to "1".
Only when the counter reaches the value 10H -
step, SSTOP goes to "0".
SSTOP will be "1" again, if the counter reaches
the value 10h + step.
MSB
LSB
FUNCTION
SUBAD
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
PLL CHARGE PUMP
00H
L P IN1/2
CURRH
B1
B0
A3
A2
A1
A0
PLL COUNTER
01H
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
PLL COUNTER
02H
PC15
PC14
PC13
PC12
PC11
PC10
PC9
PC8
PLL REF
COUNTER
03H
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
PLL REF
COUNTER
04H
RC15
RC14
RC13
RC12
RC11
RC10
RC9
RC8
PLL LOCK
DETECT
05H
LDENA
-
D3
D2
D1
D0
PM1
PM0
IFC REF COUNTER
06H
IRC7
IRC6
IRC5
IRC4
IRC3
IRC2
IRC1
IRC0
IFC REF COUNTER
07H
IFCM1
IFCM0
IRC13
IRC12
IRC11
IRC10
IRC9
IRC8
IFC CONTROL
08H
IFENA
-
-
-
-
EW2
EW1
EW0
IFC CONTROL
09H
IFS2
IFS1
IFS0
CF4
CF3
CF2
CF1
CF0
ADDRESS ORGANIZATION (PLL and IF Counter)
REF OSC IN
REGISTER
R0 ...R15
DIVIDER
: R
PD
AM IN
FM IN
REGISTER
PC0 ...PC4
COUNTER
A
PRESCALER
32/33
REGISTER
PC5 ... P15
DIVIDER
: B
fref
fsyn
D96AU545
fosc
I
2C bus
I
2C bus
I
2C bus
(O/I)
FM and AM operation (swallow mode)
CURR HIGH
LOCKENA
LOCK
CHARGE PUMP
CURRENT
D96AU548
Charge Pump Logic
TDA7421
16/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com