Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7421 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7421
Description  AM/FM TUNER FOR CAR RADIO AND Hi-Fi APPLICATIONS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7421 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7421 Datasheet HTML 8Page - STMicroelectronics TDA7421 Datasheet HTML 9Page - STMicroelectronics TDA7421 Datasheet HTML 10Page - STMicroelectronics TDA7421 Datasheet HTML 11Page - STMicroelectronics TDA7421 Datasheet HTML 12Page - STMicroelectronics TDA7421 Datasheet HTML 13Page - STMicroelectronics TDA7421 Datasheet HTML 14Page - STMicroelectronics TDA7421 Datasheet HTML 15Page - STMicroelectronics TDA7421 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
ELECTRICAL CHARACTERISTICS (continued)
AM IF2 Amplifier
Ref: AM Test Circuit, measure input at VIP2AMPIN, output at VIP2AMPOUT, (switches must be in position 1),
fIN = 450KHz.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
RIN,IF2AMP
Input Resistance
2
K
Ω
GIF2AMP
Maximum Gain
VIF2AMPIN = 10dBu
51
dB
AGCAMPCP
Central Point of AGC2 Intevention
on IF2 Amp
VIF2AMPIN = 72dBu; Value of
VIF2AMPOUT
115
dBu
AGCAMPSP
AGC2 Starting Point on IF2 Amp
Value of VIF2AMPIN for which
VIF2AMPOUT is AGCAMPCP - 3dB
63
dBu
AGCAMPR
AGC2 Range on IF2 Amp
fIN = 10.7MHz; Range of
VMIX2AMIN = for which VMIX2OUT is
AGCMIXCP
±3dB
36
dB
AGCTCR
AGC2 Time Constant Ratio
Ratio of AGC2 "reception" Time
Constant and "seek" Time Constant
150/5
s/s
IFAMST
AM IF2 Output Level at pin 28
VIF2AMPIN = 72dBu;
AMSTEREO set to 1
104
106
108
dBu
IFAMSTcurr
Current Capability of pin 28
AMSTEREO set to 1
150
µA
AM Field Strength Meter and Field Strength Station Detector
Ref: AM Test Circuit, measure at VMIX2AMIN, outputs at VAMSMETER and at VAMSD (switches in position 2),
- fIN = 10.7KHz.
- AMSEEK set to 1
Symbol
Parameter
Test Condition
Min.
Typ.
Max
Unit
AMSM1
AM Smeter 1 at VAMSMETER
VMIX2AMIN = 35dBu
2.2
2.89
3.6
V
AMSM2
AM Smeter 2 at VAMSMETER
VMIX2AMIN = 65dBu
2.5
3.26
4.0
V
AMSM3
AM Smeter 3 at VAMSMETER
VMIX2AMIN = 95dBu
3.0
3.73
4.5
V
AMSDMIN
Station Detector Minimum
Threshold
VMIX2AMIN at which VAMSD = 2.5V,
ASS3-0 set to 0000
44
dBu
AMSDMAX
Station Detector Maximum
Threshold
VMIX2AMIN at which VAMSD = 2.5V,
ASS3-0 set to 1111
64
dBu
IF Counter Output
Ref: AM & FM Test Circuit, measure at pin 28
Symbol
Parameter
Test Condition
Min.
Typ.
Max
Unit
IFCFM
FM IFC Sensitivity
VFMLIMIN at which Vpin 28 = 2.5V,
FMRECSEEK set to 1, EW2-0 set
to 101, IFS2-0 set to 010
34
dBu
IFCAM
AM IFC Sensitivity
VIF2AMPIN at which Vpin 28 = 2.5V,
AMSEEK set to 1, EW2-0 set to
011, IF2-0 set to 100, AMFM
STBY1-0 set to 10
29
dBu
IFCcurrent
IFC Current Capability
150
µA
TDA7421
12/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com