Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7421 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7421
Description  AM/FM TUNER FOR CAR RADIO AND Hi-Fi APPLICATIONS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7421 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7421 Datasheet HTML 16Page - STMicroelectronics TDA7421 Datasheet HTML 17Page - STMicroelectronics TDA7421 Datasheet HTML 18Page - STMicroelectronics TDA7421 Datasheet HTML 19Page - STMicroelectronics TDA7421 Datasheet HTML 20Page - STMicroelectronics TDA7421 Datasheet HTML 21Page - STMicroelectronics TDA7421 Datasheet HTML 22Page - STMicroelectronics TDA7421 Datasheet HTML 23Page - STMicroelectronics TDA7421 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
S
1
1
0
0
0
1
0
0
ACK
ACK
ACK
P
MSB
LSB
MSB
LSB
MSB
LSB
CHIP ADDRESS
D96AU549
T2
I
SUBADDRESS
DATA 1 to DATA n
T1 T0
A3 A2 A1 A0
Frame Example
For addressing the PLL part:
D96AU550
S
1
1
0
0
0
1
1
0
ACK
ACK
ACK
P
MSB
LSB
MSB
LSB
MSB
LSB
CHIP ADDRESS
0I
SUBADDRESS
DATA 1 to DATA n
00
A3 A2 A1 A0
for the TUNER part:
ACK = Acknowledge
S = Start
P = Stop
I = Page mode
T2, T1, T0 = used in test mode (for PLL only, for
TUNER addressing they must be 0)
A3, A2, A1, A0 = Mode selection
TUNER SUBADDRESS
MSB
LSB
FUNCTION
X
X
X
I
A3
A2
A1
A0
0
0
0
0
STATUS
0
0
0
1
FM STOP STATION / FM IF AGC
0
0
1
0
FM SMETER SLIDER
0
0
1
1
AM AGC1 / AM STOP STATION
0
1
0
0
IFT1 / IFT2
0
1
0
1
FRONT END ADJUSTMENT
0
1
1
0
FM DEMODULATOR ADJUSTMENT
0
1
1
1
FM IF BUFFERS
1
0
0
0
FM AUDIO MUTE GAIN / FM SOFT MUTE
1
0
0
1
FM HOLE DETECTOR / FM DETUNING
0
Page mode disabled
1
Page mode enabled
0
0
0
must be "0"
PLL SUBADDRESS
MSB
LSB
FUNCTION
T3
T2
T1
I
A3
A2
A1
A0
0000
Charge pump control
0001
PLL counter 1 (LSB)
0010
PLL counter 2 (MSB)
0011
PLL reference counter 1 (LSB)
0100
PLL reference counter 2 (MSB)
0101
PLL lockdetector control and PLL mode select
0110
IFC reference counter 1 (LSB)
0111
IFC reference counter 2 (MSB) and IFC mode select
1000
IF counter control 1
1001
IF counter control 2
0
page mode DISABLED
1
page mode enabled
T1, T2, T3 are used for testing the PLL, in application mode they have to be "0".
TDA7421
20/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com