Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7421 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7421
Description  AM/FM TUNER FOR CAR RADIO AND Hi-Fi APPLICATIONS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7421 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7421 Datasheet HTML 11Page - STMicroelectronics TDA7421 Datasheet HTML 12Page - STMicroelectronics TDA7421 Datasheet HTML 13Page - STMicroelectronics TDA7421 Datasheet HTML 14Page - STMicroelectronics TDA7421 Datasheet HTML 15Page - STMicroelectronics TDA7421 Datasheet HTML 16Page - STMicroelectronics TDA7421 Datasheet HTML 17Page - STMicroelectronics TDA7421 Datasheet HTML 18Page - STMicroelectronics TDA7421 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
FM SECTION
Featuring a single conversion configuration, it
comprises a multi-stage IF limiter whose gain is
I
2C controlled and a quadrature demodulator with
detuning and adjacent channel detectors. Signal
meter and stop station functions are also sup-
ported
AM SECTION
AM signal is converted by means of UP-DOWN
configuration (IF1 = 10.7MHz, IF2 = 450KHz) and
MW/LW bands are covered.
PLL SECTION
Three operating modes are available:
PM0
PM1
Operating Mode
0
0
Standby
10
AM
0
1
not used
11
FM
They are user programmable with the mode PM
registers.
Standby mode
It stops all functions. This allows low current con-
sumption without loss of information in all regis-
ters. The pin LP-OUT is forced to 0V in power on.
All data registers are set to FE (11111110). The
oscillator runs even in stand-by mode.
FM and AM Operation
The FM or AM signal applies to a 32/33 pres-
caler, which is controlled by a 5 bit counter (A).
The 5 bit register (PC0 to PC4) controls this di-
vider.
The output of the prescaler connects to a 11 bit
divider (B). The 11 bit register (PC5 to PC15)
controls the divider ’B’.
THREE STATE PHASE COMPARATOR
The phase comparator generates a phase error
signal according to phase difference between
fSYN and fREF. This phase error signal drives the
charge pump current generator.
CHARGE PUMP CURRENT GENERATOR
This stage generates signed pulses of current.
The phase error signal decides the duration and
polarity of those pulses.
The current absolute values are programmable
by A0, A1, A2 registers for high current and B0,
B1 registers for low current.
LOW NOISE CMOS OP-AMP
An internal voltage divider at pin VREF connects
the positive input of the low noise Op-Amp.
The charge pump output connects the negative
input. This internal amplifier in cooperation with
external components can provide an active filter.
The negative input is switchable to three input
pins (LPIN 1, LPIN 2 and LPIN 3), to increase the
flexibility in application.
This feature allows two separate active filters for
different applications.
A logical "1" in the LPIN 1/2 register activates pin
LPIN 1, otherwise pin LPIN 2 is active. While the
high current mode is activated LPIN 3 is switched
on.
INLOCK DETECTOR
The charge pump is switched in low current mode
as the truth table and the related figure shows.
CURRHIGH
LOCKENA
LOCK
(by inlock
detector)
Charge
Pump
Current
0
X
X
low current
1
1
1
low current
1
1
0
High current
1
0
1
High current
1
0
0
High current
The charge pump is forced in low current mode
when a phase difference of 10-40 usec is
reached.
A phase difference larger than the programmed
values will switch the charge pump immediately in
the high current mode.
Few programmable delays are available for inlock
detection.
IF COUNTER SYSTEM FOR AM/FM
The IF counter mode is controlled by IFCM register:
IFCM1
IFCM0
FUNCTION
0
0
NOT USED
0
1
FM MODE
1
0
AM MODE
1
1
NOT USED
A sample timer to generate the gate signal for the
main counter is built with a 14 bit programmable
counter to have the possibility to use any fre-
TDA7421
15/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com