Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7427D Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7427D
Description  AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7427D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7427D Datasheet HTML 6Page - STMicroelectronics TDA7427D Datasheet HTML 7Page - STMicroelectronics TDA7427D Datasheet HTML 8Page - STMicroelectronics TDA7427D Datasheet HTML 9Page - STMicroelectronics TDA7427D Datasheet HTML 10Page - STMicroelectronics TDA7427D Datasheet HTML 11Page - STMicroelectronics TDA7427D Datasheet HTML 12Page - STMicroelectronics TDA7427D Datasheet HTML 13Page - STMicroelectronics TDA7427D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
The negative input is switchable to three input
pins ( LPIN 1, LPIN 2 and LPIN 3) to increase the
flexibility in application. This feature allows two
separate active filters for different applications
A logical ”1” in the LPIN 1/2 register activates
pin LPIN 1, otherwise pin LPIN 2 is active. While
the high current mode is activated LPIN 3 is
switched on.
INLOCK DETECTOR
The charge pump can be switched in low current
mode either via software or automatically by the
inlock detector by setting bit LDENA to ”1”.
The charge pump is forced in low current mode
when a phase difference of 10-40 nsec is
reached.
A phase difference larger then the programmed
values will switch the charge pump immediately in
the high current mode.
Programmable delays are available for inlock de-
tection.
IF COUNTER SYSTEM (AM/FM/AM - UPC MODES)
The if counter works in modes controlled by IFCM
register (see table):
IFCM1
IFCM0
FUNCTION
0
0
NOT USED
0
1
FM MODE
1
0
AM MODE
11
10.7MHz AM UP
CONVERSION MODE
Typical input impedance for IF inputs is 4K
Ω.
A sample timer to generate the gate signal for the
main counter is build with a 14-bit programmable
counter to have the possibility to use any crystal
oscillator frequency. In FM mode 6.25KHz in AM
mode a 1KHz signal is generated. This is followed
by an asynchronous divider to generate different
sampling times (see fig. 4).
Intermediate Frequency Main Counter
This counter is a 11/21 bits synchronous autore-
load down-counter. Four bits are programmable
to have the possibility for an adjust to the fre-
quency of the CF filter. The counter length is
automatically adjusted to the chosen sampling
time and the counter mode (AM, FM, AM-UPC).
At the start the counter will be loaded with a de-
fined value which is an equivalent to the divider
value (tsample
⋅ fIF).
If a correct frequency is applied to the IF counter
frequency inputs IF-AM IF-FM, at the end of the
sampling time the main counter is changing its
state from 0 H to 1FFFFFH.
This is detected by a control logic. The frequency
range inside which a successful count results is
detected is adjustable by bits EW 0,1,2.
Adjustment of the Measurement Sequence
Time
The precision of the measurements is adjustable
by controlling the discrimination window .
This is adjustable by programming the control
registers EW0...EW2.
The measurement time per cycle is adjustable by
setting the Register IFS0 - IFS2.
Adjust of the Frequency Value
The center frequency of the discrimination win-
dow is adjustable by the control register ”CF0” to
”CF4”. (see data byte specification).
Port Extension and additional functions
One digital open collector output and one digital
push-pull output are available in application
mode. This digital ports are controlled by the data
bits DOUT1 and DOUT3.
D95AU378
tHIGH
tR
tLOW
tR
SCL
SDA IN
SDA OUT
tSU-STA
tHD-STA
tHD-DAT
tSD-DAT
tSUBTOP
ttxt
tAA
tDH
Figure 5. I
2C Bus timing diagram
TDA7427
10/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com