Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7427D Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7427D
Description  AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7427D Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7427D Datasheet HTML 13Page - STMicroelectronics TDA7427D Datasheet HTML 14Page - STMicroelectronics TDA7427D Datasheet HTML 15Page - STMicroelectronics TDA7427D Datasheet HTML 16Page - STMicroelectronics TDA7427D Datasheet HTML 17Page - STMicroelectronics TDA7427D Datasheet HTML 18Page - STMicroelectronics TDA7427D Datasheet HTML 19Page - STMicroelectronics TDA7427D Datasheet HTML 20Page - STMicroelectronics TDA7427D Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
IF COUNTER CONTROL 2
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0000
0
fcenter = 10.60000MHz (FM) 448KHz (AM) 10.688MHz (AM UPC)
0000
1
fcenter = 10.60625MHz (FM) 449KHz (AM) 10.689MHz (AM UPC)
0001
0
fcenter = 10.61250MHz (FM) 450KHz (AM) 10.690MHz (AM UPC)
0001
1
fcenter = 10.61875MHz (FM) 451KHz (AM) 10.691MHz (AM UPC)
0010
0
fcenter = 10.62500MHz (FM) 452KHz (AM) 10.692MHz (AM UPC)
0010
1
fcenter = 10.63125MHz (FM) 453KHz (AM) 10.693MHz (AM UPC)
0011
0
fcenter = 10.63750MHz (FM) 454KHz (AM) 10.694MHz (AM UPC)
0011
1
fcenter = 10.64375MHz (FM) 455KHz (AM) 10.695MHz (AM UPC)
0100
0
fcenter = 10.65000MHz (FM) 456KHz (AM) 10.696MHz (AM UPC)
0100
1
fcenter = 10.65625MHz (FM) 457KHz (AM) 10.697MHz (AM UPC)
0101
0
fcenter = 10.66250MHz (FM) 458KHz (AM) 10.698MHz (AM UPC)
0101
1
fcenter = 10.66875MHz (FM) 459KHz (AM) 10.699MHz (AM UPC)
0110
0
fcenter = 10.67500MHz (FM) 460KHz (AM) 10.700MHz (AM UPC)
0110
1
fcenter = 10.68125MHz (FM) 461KHz (AM) 10.701MHz (AM UPC)
0111
0
fcenter = 10.68750MHz (FM) 462KHz (AM) 10.702MHz (AM UPC)
0111
1
fcenter = 10.69375MHz (FM) 463KHz (AM) 10.703MHz (AM UPC)
1000
0
fcenter = 10.70000MHz (FM) 464KHz (AM) 10.704MHz (AM UPC)
1000
1
fcenter = 10.70625MHz (FM) 465KHz (AM) 10.705MHz (AM UPC)
1001
0
fcenter = 10.71250MHz (FM) 466KHz (AM) 10.706MHz (AM UPC)
1001
1
fcenter = 10.71875MHz (FM) 467KHz (AM) 10.707MHz (AM UPC)
1010
0
fcenter = 10.72500MHz (FM) 468KHz (AM) 10.708MHz (AM UPC)
1010
1
fcenter = 10.73125MHz (FM) 469KHz (AM) 10.709MHz (AM UPC)
1011
0
fcenter = 10.73750MHz (FM) 470KHz (AM) 10.710MHz (AM UPC)
1011
1
fcenter = 10.74375MHz (FM) 471KHz (AM) 10.711MHz (AM UPC)
1100
0
fcenter = 10.75000MHz (FM) 472KHz (AM) 10.712MHz (AM UPC)
1100
1
fcenter = 10.75625MHz (FM) 473KHz (AM) 10.713MHz (AM UPC)
1101
0
fcenter = 10.76250MHz (FM) 474KHz (AM) 10.714MHz (AM UPC)
1101
1
fcenter = 10.76875MHz (FM) 475KHz (AM) 10.715MHz (AM UPC)
1110
0
fcenter = 10.77500MHz (FM) 476KHz (AM) 10.716MHz (AM UPC)
1110
1
fcenter = 10.78125MHz (FM) 477KHz (AM) 10.717MHz (AM UPC)
1111
0
fcenter = 10.78750MHz (FM) 478KHz (AM) 10.718MHz (AM UPC)
1111
1
fcenter = 10.79375MHz (FM) 479KHz (AM) 10.719MHz (AM UPC)
1
1
1
tsample = 160
µs (FM mode); 1ms (AM; AM-UPC)
1
1
0
tsample = 320
µs (FM mode); 2ms (AM; AM-UPC)
1
0
1
tsample = 640
µs (FM mode); 4ms (AM; AM-UPC)
1
0
0
tsample = 1.280ms (FM mode); 8ms (AM; AM-UPC)
0
1
1
tsample = 2.560ms (FM mode); 16ms (AM; AM-UPC)
0
1
0
tsample = 5.120ms (FM mode); 32ms (AM; AM-UPC)
0
0
1
tsample = 10.240ms (FM mode); 64ms (AM; AM-UPC)
0
0
0
tsample = 20.480ms (FM mode); 128ms (AM; AM-UPC)
IFS2 IFS1 IFS0 CF4
CF3
CF2
CF1
CF0 bit same
Subaddress = 09H
TDA7427
17/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com