Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7427D Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7427D
Description  AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7427D Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7427D Datasheet HTML 8Page - STMicroelectronics TDA7427D Datasheet HTML 9Page - STMicroelectronics TDA7427D Datasheet HTML 10Page - STMicroelectronics TDA7427D Datasheet HTML 11Page - STMicroelectronics TDA7427D Datasheet HTML 12Page - STMicroelectronics TDA7427D Datasheet HTML 13Page - STMicroelectronics TDA7427D Datasheet HTML 14Page - STMicroelectronics TDA7427D Datasheet HTML 15Page - STMicroelectronics TDA7427D Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
dress being transmitted.
After this comparison, the TDA7427 will generate
an ”acknowledge” on the SDA line and will per-
form either a read or write operation according to
the state of R/W bit.
Write Operation
Following a START condition the master sends a
slave address word with the R/W bit set to ”0”.
The TDA7427 will ”acknowledge” after this first
transmission and wait for a second word (the
word address field).
This 8 bit address field provides an access to any
of the 8 internal addresses. Upon receipt of the
word address the TDA7427 slave device will re-
spond with an ”acknowledge”. At this time, all the
following words transmitted to the TDA7427 will
be considered as Data. The internal address will
be automatically incremented. After each word re-
ceipt the TDA7427 will answer with an ”acknow-
ledge”.
SOFTWARE SPECIFICATION
I
2C Protocol
The interface protocol comprises:
A start condition (s)
A chip address byte (the LSB determines
read/write transmission)
A sub-address byte.
A sequence of data (N-bytes + acknowledge)
A stop condition (P)
CHIP ADDRESS
MSB
LSB
110
00
100
SUBADDRESS
MSB
LSB
FUNCTION
T3
T2
T1
I
A3
A2
A1
A0
0000
Charge pump control
0001
PLL counter 1 (LSB)
0010
PLL counter 2 (MSB)
0011
PLL reference counter 1 (LSB)
0100
PLL reference counter 2 (MSB)
0101
PLL lockdetector control and PLL mode select
0110
IFC reference counter 1 (LSB)
0111
IFC reference counter 2 (MSB) and IFC mode select
1000
IF counter control 1
1001
IF counter control 2
1010
Oscillator adjust
1011
Port extension
0
page mode off
1
page mode enabled
T1, T2, T3 used for testing, in application mode they have to be ”0”
CHIP ADDRESS
SUBADDRESS
DATA 1 to DATA n
MSB
LSB
MSB
LSB
MSB
LSB
S
1100010
R/W ACK T
T
T
I
A3 A2 A1 A0 ACK
DATA
ACK
P
ACK = Acknowledge
S = Start
P = Stop
I = Auto Increment
T = used for testing (in application mode they have to be ” 0”)
MAX CLOCK SPEED 400kbits/s
TDA7427
12/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com