Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7427D Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7427D
Description  AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7427D Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7427D Datasheet HTML 1Page - STMicroelectronics TDA7427D Datasheet HTML 2Page - STMicroelectronics TDA7427D Datasheet HTML 3Page - STMicroelectronics TDA7427D Datasheet HTML 4Page - STMicroelectronics TDA7427D Datasheet HTML 5Page - STMicroelectronics TDA7427D Datasheet HTML 6Page - STMicroelectronics TDA7427D Datasheet HTML 7Page - STMicroelectronics TDA7427D Datasheet HTML 8Page - STMicroelectronics TDA7427D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIL
Input Low Voltage
1V
VIH
Input High Voltage
3
V
IIN
Input Current
-5
+5
µA
VOUT
Output Voltage SDA
acknowledge
IO = 1.6mA
0.15
0.4
V
OSCILLATOR
tbu
Build Up Time
fout = 4MHz
100
ms
Cin
Internal Capacitance
20
pF
COUT
Internal Capacitance
fosc = 4MHz
20
pF
Zin
Input Impedance
fosc = 4MHz
100
K
Ω
Vin
Input Voltage (for Slave Mode)
fIN = 4 to 13MHz (Sinus)
capacitance coupling
300
VDD
mVpp
fin
Max Input frequency (for Slave
Mode)
VIN = 600mVPP (Sinus)
30
MHz
LOOP FILTER (LP_FM, LP_AM, LP_HC, LP_OUT)
IIN
Input Leakage Current (*)
VIN = GND; PDout = Tristate (1)
-1
0.1
1
µA
IIN
Input Leakage Current (*)
VIN =VDD1;PDout = Tristate (1)
-1
0.1
1
µA
VOL
Output Voltage Low
IOUT = -0.2mA
0
0.5
V
VOH
Output Voltage High
IOUT = 0.2mA
9.5
10
V
IOUT
Output Current Sink
10
30
mA
IOUT
Output Current Source
VOUT = 0.5 to 9.5V
10
30
mA
DOUT1/SSTOP (push-pull outputs)
VOL
Output Voltage Low
IOUT = -0.1mA
0.1
0.2
V
VOH
Output Voltage High
IOUT = 0.1mA
VDD1*0.2
4.9
V
DOUT3 (open collector output)
IOUT
Output leakage Current
VOUT = 10V
-1
0.1
1
mA
VOL
Output Voltage Low
IOUT = -1mA
0.2
0.5
V
IOUT
Output Current Sink
VOUT = 0.5 to 9.5V
3
5
mA
1) PD = Phase Detector
(*) LP_FM and LP_HC pins only
TDA7427
5/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com