Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7427D Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7427D
Description  AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7427D Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7427D Datasheet HTML 1Page - STMicroelectronics TDA7427D Datasheet HTML 2Page - STMicroelectronics TDA7427D Datasheet HTML 3Page - STMicroelectronics TDA7427D Datasheet HTML 4Page - STMicroelectronics TDA7427D Datasheet HTML 5Page - STMicroelectronics TDA7427D Datasheet HTML 6Page - STMicroelectronics TDA7427D Datasheet HTML 7Page - STMicroelectronics TDA7427D Datasheet HTML 8Page - STMicroelectronics TDA7427D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ELECTRICAL CHARACTERISTICS (Tamb =25
°C; VDD1 = 5V; VDD2 = 10V; fOSC = 4MHz; unless other-
wise specified).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDD1
Supply Voltage
4.5
5.0
5.5
V
VDD2
Supply Voltage
9.0
11.0
V
IDD1
Supply Current
no output load
2
4
6
mA
IDD2
Supply Current
PLL locked
1
2
3
mA
IDD1 STB
Supply Current
Standby mode
1
µA
RF INPUT (AM_IN, FM_IN)
fiAM
Input Frequency AM
Vi = 100mVrms sinusoidal
0.5
64
MHz
fiFM
Input Frequency FM
Vi = 100mVrms sinusoidal
30
200
MHz
ViMIN
Min Input Voltage AM
0.5 to 16MHz range sinusoidal
30
mVrms
ViMAX
Max Input Voltage AM
0.6 to 16MHz range sinusoidal
600
mVrms
ViMIN
Min Input Voltage FM
70 to 120MHz range sinusoidal
30
mVrms
ViMAX
Max Input Voltage FM
70 to 120MHz range sinusoidal
600
mVrms
Zin
Input Impedance FM input
3
4
5
K
Ω
Zin
Input Impedance AM input
3
4
5
K
Ω
IF COUNTER (IF_AM, IF_FM)
fiAM
Input Frequency range AM
Vi = 100mVrms
0.400
11
MHz
fiAM
Input Frequency range FM
Vi = 100mVrms
10
11
MHz
ViMIN
Min Input Voltage AM IF pin
fin = 455kHz
30
mVrms
ViMIN
Min Input Voltage FM IF pin
fin = 10.7MHz
30
mVrms
ViMAX
Max Input Voltage AM IF pin
fin = 455kHz
600
mVrms
ViMAX
Max Input Voltage FM IF pin
fin = 10.7MHz
600
mVrms
Zin
Input Inpedance FM IF pin
3
4
5
K
Ω
Zin
Input Inpedance AM IF pin
3
4
5
K
Ω
BUS INTERFACE
Tj
Noise Suppression Time
Constant on SCL, SDA Input
50
ns
fSCL
SCL Clock Frequency
400
kHz
tAA
SCL Low to SDA Data Valid
300
ns
tbuf
Time the bus must be free for
the new transmission
4.7
µs
tHD-START
START Condition hold time
4.0
µs
tLOW
Clock Low Period
4.7
µs
tHIGH
Clock High Period
4.0
µs
tSU-SDA
Start Condition Setup Time
4.7
µs
tHD-DATA
Data Input Hold Time
1
µs
tSU-DATA
Data Input Setup Time
250
ns
tR
SDA & SCL Rise Time
1
µs
tF
SDA & SCL Full Time
0.3
µs
tSU-STOP
Stop Condition Setup Time
4.7
µs
tDH
DATA OUT Time
300
ns
TDA7427
4/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com