Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7435 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7435
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH LOUDSPEAKERS EQUALIZER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7435 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7435 Datasheet HTML 1Page - STMicroelectronics TDA7435 Datasheet HTML 2Page - STMicroelectronics TDA7435 Datasheet HTML 3Page - STMicroelectronics TDA7435 Datasheet HTML 4Page - STMicroelectronics TDA7435 Datasheet HTML 5Page - STMicroelectronics TDA7435 Datasheet HTML 6Page - STMicroelectronics TDA7435 Datasheet HTML 7Page - STMicroelectronics TDA7435 Datasheet HTML 8Page - STMicroelectronics TDA7435 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Operating Supply Voltage
10.5
V
Tamb
Operating Ambient Temperature
-40 to 85
°C
Tstg
Storage Temperature Range
-55 to 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction-pins
65
°C/W
QUICK REFERENCE DATA
Symbol
Parameter
Min.
Typ.
Max.
Unit
VS
Supply Voltage
6
9
10.2
V
VCL
Max. input signal handling
2.1
2.6
Vrms
THD
Total Harmonic Distortion V = 1Vrms f = 1KHz
0.01
0.08
%
S/N
Signal to Noise Ratio
106
dB
SC
Channel Separation f = 1KHz
80
dB
Input Gain AUX1 1dB step
0
15
dB
AUX 1 IN L
AUX 1 IN R
CSM
AUX 1 OUT R
AUX 1 OUT L
AUX 2 IN R
AUX 2 IN L
AUX 2 OUT R
AUX 2 OUT L
HP FR 1
HP FL 2
HP FL 1
AGND
CREF
DGND
SCL
SDA
VCC
1
3
2
4
5
6
7
8
9
26
25
24
23
22
20
21
19
27
10
28
HP FL OUT
HP FR 2
D96AU438
HP FR OUT
OUT REF
HP RL OUT
HP RR 1
HP RL 2
HP RL 1
11
12
13
18
16
17
15
14
HP RR OUT
HP RR 2
PIN CONNECTION
TDA7435
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com