Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7435 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7435
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH LOUDSPEAKERS EQUALIZER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7435 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7435 Datasheet HTML 1Page - STMicroelectronics TDA7435 Datasheet HTML 2Page - STMicroelectronics TDA7435 Datasheet HTML 3Page - STMicroelectronics TDA7435 Datasheet HTML 4Page - STMicroelectronics TDA7435 Datasheet HTML 5Page - STMicroelectronics TDA7435 Datasheet HTML 6Page - STMicroelectronics TDA7435 Datasheet HTML 7Page - STMicroelectronics TDA7435 Datasheet HTML 8Page - STMicroelectronics TDA7435 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TDA7435
DIGITALLY CONTROLLED AUDIO PROCESSOR
WITH LOUDSPEAKERS EQUALIZER
INPUT
- FOUR HIGH PASS CHANNELS
- TWO AUX STEREO CHANNELS
VOLUME CONTROL IN 1dB STEPS WITH
GAIN UP TO 15dB
SOFT MUTE AND DIRECT MUTE
FOUR AUXILIARY CHANNELS:
- TWO SPEAKERS CONTROL IN 1dB STEP
- TWO CHANNELS MULTIPLEXED WITH
THE HIGH PASS CHANNELS
ALL FUNCTIONS PROGRAMMABLE VIA SE-
RIAL I
2 CBUS
DESCRIPTION
The audioprocessor TDA7435 is an upgrade of
the TDA731X audioprocessor family.
Due to a highly linear signal processing, using
CMOS-switching techniques instead of standard
bipolar multipliers, very low distortion and very
low noise are obtained.
A second programmable high pass filtering pro-
vides the loudspeakers equalization.
The soft Mute function is implemented andcan be
activated in two ways:
1 Via serial bus (Mute byte, bit D0)
2 Directly on pin 3 through an I/O line of the mi-
crocontroller
Very low DC stepping is obtained by use of a
BICMOS technology.
November 1996
ORDERING NUMBER: TDA7435D
SO28
HP FILTER
HP FILTER
HP FILTER
HP FILTER
SOFT
MUTE
GAIN
0-15dB/1dB step
MUX
ATTENUATOR
0/-79dB
ATTENUATOR
0/-79dB
I
2C BUS
SUPPLY
22
21
20
19
18
17
16
15
6
7
1
2
HP FL 1
HP FL 2
HP FR 1
HP FR 2
HP RL 1
HP RL 2
HP RR 1
HP RR 2
AUX 2 IN L
AUX 2 IN R
AUX 1 IN L
AUX 1 IN R
AUX 1 OUT R
4
AUX 1 OUT L
5
AUX 2 OUT R
8
AUX 2 OUT L
9
HP RR OUT
14
HP RL OUT
13
HP FR OUT
11
HP FL OUT
10
OUT REF
12
28
23
24
25
26
27
SDA SCL DGND AGND CREF
VCC
D96AU437A
3
CSM
BLOCK DIAGRAM
1/10


Similar Part No. - TDA7435

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7430 STMICROELECTRONICS-TDA7430 Datasheet
168Kb / 21P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
TDA7430 STMICROELECTRONICS-TDA7430 Datasheet
231Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
Jun-2004
TDA7430 STMICROELECTRONICS-TDA7430 Datasheet
246Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
REV. 10
TDA7430TR STMICROELECTRONICS-TDA7430TR Datasheet
231Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
Jun-2004
TDA7430 STMICROELECTRONICS-TDA7430_04 Datasheet
231Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
Jun-2004
More results

Similar Description - TDA7435

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7342 STMICROELECTRONICS-TDA7342 Datasheet
97Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1999
TDA7343 STMICROELECTRONICS-TDA7343 Datasheet
100Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1999
TDA7348 STMICROELECTRONICS-TDA7348 Datasheet
193Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1994
TDA7401 STMICROELECTRONICS-TDA7401 Datasheet
68Kb / 10P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH LOUDSPEAKERS EQUALIZER
Jan-1999
TDA7437N STMICROELECTRONICS-TDA7437N Datasheet
139Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Oct-2003
TDA7342 STMICROELECTRONICS-TDA7342_06 Datasheet
221Kb / 20P
Digitally controlled audio processor
20-Nov-2006
TDA7348 STMICROELECTRONICS-TDA7348_07 Datasheet
220Kb / 20P
Digitally controlled audio processor
26-Jan-2007
TDA7342EQ2N STMICROELECTRONICS-TDA7342EQ2N Datasheet
222Kb / 21P
Digitally controlled audio processor
03-Aug-2006
TDA7437N STMICROELECTRONICS-TDA7437N_06 Datasheet
353Kb / 34P
Digitally controlled audio processor
Dec-2006
logo
Princeton Technology Co...
PT2037 PTC-PT2037 Datasheet
259Kb / 6P
Digitally Controlled Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com