Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7435 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7435
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH LOUDSPEAKERS EQUALIZER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7435 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7435 Datasheet HTML 1Page - STMicroelectronics TDA7435 Datasheet HTML 2Page - STMicroelectronics TDA7435 Datasheet HTML 3Page - STMicroelectronics TDA7435 Datasheet HTML 4Page - STMicroelectronics TDA7435 Datasheet HTML 5Page - STMicroelectronics TDA7435 Datasheet HTML 6Page - STMicroelectronics TDA7435 Datasheet HTML 7Page - STMicroelectronics TDA7435 Datasheet HTML 8Page - STMicroelectronics TDA7435 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ELECTRICAL CHARACTERISTICS (VS = 9V; RL = 10K
Ω;Rg =50Ω;Tamb =25°C; all gains = 0dB;
f = 1KHz. Refer to the test circuit, unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
INPUT STAGE: AUX1
RI
Input Resistance
24
33
42
K
VCL
Clipping Level
d
≤ 0.3%
2.1
2.6
VRMS
SI
Input Separation
70
80
dB
GI MIN
Minimum Input Gain
-0.75
0
0.75
dB
GI MAX
Maximum Input Gain
13.75
15
16.25
dB
Gstep
Step Resolution
0.5
1.0
1.5
dB
Ea
Set Error
-1.25
0
1.25
dB
VDC
DC Steps
Adiacent Gain Steps
0.5
10
mV
GIIN to GIMAX
2.5
mV
SPEAKER ATTENUATORS - AUX 1
CRANGE
Control Range
79
dB
Astep
Step Resolution
Av = 0 to -40dB
0.5
1
1.5
dB
AMUTE
Output Mute Attenuation
Data Word = 1111XXXX
80
105
dB
EA
Attenuation Set Error
Av = 0 to -40dB
1.5
dB
VDC
DC Steps
Adjacent Attenuation Steps
0
3
mV
AUDIO OUTPUT (Pin 4 - 5, 8 - 9, 10 - 14)
Vclip
Clipping Level
d = 0.3%
2.1
2.6
Vrms
RL
Output Load Resistance
2
K
RO
Output Impedance
20
30
100
VDC
DC Voltage Level
3.5
3.8
4.1
V
STAGE: AUX2
RI
Input Resistance
24
33
42
K
VCL
Clipping Level
2.1
2.6
Vrms
SI
Input Separation
70
80
dB
GI
Gain
-0.75
0
0.75
dB
Input Mute
80
100
dB
STAGE: HP FILTER
R1
Resistance at pin HP1
HIGHPASS BYTE
D3 = 1
XXXX1XXX
120
170
220
K
R2
Resistance at pin HP2
1
M
VCL
Clipping Level
d
≤ 0.3%
2.1
2.6
Vrms
SOFT MUTE
AMUTE
Mute Attenuation
40
50
dB
TDON
ON Delay Time
CCSM = 22nF; 0 to -20dB; I = IMAX
0.7
1
2
ms
CCSM = 22nF; 0 to -20dB; I = IMIN
10
30
50
ms
TDOFF
OFF Current
VCSM = 0V; I = IMAX
60
160
µA
VCSM = 0V; I = IMIN
110
210
µA
TDA7435
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com