Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7435 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7435
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH LOUDSPEAKERS EQUALIZER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7435 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7435 Datasheet HTML 1Page - STMicroelectronics TDA7435 Datasheet HTML 2Page - STMicroelectronics TDA7435 Datasheet HTML 3Page - STMicroelectronics TDA7435 Datasheet HTML 4Page - STMicroelectronics TDA7435 Datasheet HTML 5Page - STMicroelectronics TDA7435 Datasheet HTML 6Page - STMicroelectronics TDA7435 Datasheet HTML 7Page - STMicroelectronics TDA7435 Datasheet HTML 8Page - STMicroelectronics TDA7435 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VTHSM
Soft Mute Threshold
2.3
V
RINT
Pullup Resistor (pin 3)
(note 2)
100
K
VSMH
(pin 3) Level High
3.5
V
VSML
(pin 3) Level Low
Soft Mute Active
1
V
GENERAL
VCC
Supply Voltage
6
9
10.2
V
ICC
Supply Current
7
11
15
mA
PSRR
Power Supply Rejection Ratio
f = 1KHz
60
70
dB
eNO
Output Noise
Output Muted (B = 20 to 20kHz flat)
3.5
µV
All Gains 0dB (B = 20 to 20kHz flat)
5
15
µV
S/N
Signal to Noise Ratio
All Gains = 0dB; VO =1Vrms
106
dB
SC
Channel Separation
70
80
dB
d
Distortion
VIN =1V
0.01
0.08
%
BUS INPUTS
VIL
Input Low Voltage
1V
VlN
Input High Voltage
3
V
IlN
Input Current
VIN = 0.4V
-5
5
µA
VO
Output Voltage SDA
Acknowledge
IO = 1.6mA
0.4
V
Note 1: WIN represents the MUTE programming bit pair D6,D5 for the zero crossing window threshold
Note 2: Internall pullup resistor to Vs/2; ”LOW” = softmute active
100nF
100nF
+
-
HP2
HP1
R1 = EQUIVALENT RESISTANCE AT PIN HP1
R2 = EQUIVALENT RESISTANCE AT PIN HP2
D96AU439
56K
18.7K
9.3K
7.6K
4.3K
3.5K
52.5K
56K
6.2K
3.5K
2.1K
3.8K
4.6K
9.3K
28K
28K
Figure 1: HP Filter.
TDA7435
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com