Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7435 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7435
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH LOUDSPEAKERS EQUALIZER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7435 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7435 Datasheet HTML 2Page - STMicroelectronics TDA7435 Datasheet HTML 3Page - STMicroelectronics TDA7435 Datasheet HTML 4Page - STMicroelectronics TDA7435 Datasheet HTML 5Page - STMicroelectronics TDA7435 Datasheet HTML 6Page - STMicroelectronics TDA7435 Datasheet HTML 7Page - STMicroelectronics TDA7435 Datasheet HTML 8Page - STMicroelectronics TDA7435 Datasheet HTML 9Page - STMicroelectronics TDA7435 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MSB
LSB
FUNCTION
X
X
X
I
X
D2
D1
D0
0
0
0
Mux & Gain
0
0
1
Mute
0
1
0
Speaker Attenuator AUX 1 L
0
1
1
Speaker Attenuator AUX 1 R
1
0
0
High Pass Filter FL
1
0
1
High Pass Filter FR
1
1
0
High Pass Filter RL
1
1
1
High Pass Filter RR
AUTO INCREMENT
If bit I in the subaddress byte is set to ”1”, the autoincrement of the subaddress is enabled
SUBADDRESS (receive mode)
TRANSMITTED DATA
Send Mode
MSB
LSB
X
X
XXX
SM
XX
SM = Soft mute activated (HIGH active)
X = Not used
The transmitted data is automatically updated after each ACK.
Transmission can be repeated without new chipaddress.
SOFTWARE SPECIFICATION
Interface Protocol
The interface protocol comprises:
A start condition (s)
A chip address byte,(the LSB bit determines
read/write transmission)
A subaddress byte.
A sequence of data (N-bytes + acknowledge)
A stop condition (P)
CHIP ADDRESS
SUBADDRESS
DATA 1 to DATA n
MSB
LSB
MSB
LSB
MSB
LSB
S
1000101
R/W ACK X
X
X
I
X A2A1A0 ACK
DATA
ACK P
ACK = Acknowledge
S = Start
P = Stop
I = Auto Increment
X = Not used
MAX CLOCK SPEED 500kbits/s
TDA7435
6/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com