Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP3601 Datasheet(PDF) 7 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3601
Description  STEP-UP DC/DC CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3601 Datasheet(HTML) 7 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Back Button FSP3601 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 10Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 11Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
STEP-UP DC/DC CONTROLLER
2007-6-6
7/14
FSP3601
TIMING WAVEFORM
DETAILED DESCRIPTION
Voltage reference
A 1.25V regulator operating from VCC is used to power the internal circuitry of the FSP3601. An internal resister
divider provides 0.5V reference for the error amplifier, Soft-start (typ. 0.9V) and SCP (typ.0.8V).
Error amplifier
The error amplifier compares a sample of the dc-dc converter output voltage to the 0.5V reference and generates an
error signal for the PWM comparator. Output voltage of the dc-dc converter is setting with the resistor divider using
the following expression (see fig12):
VOUT = (1+R1/ R2)*0.5
Figure 12. Error Amplifier with Feedback resistance divider
ON
SW
OFF
Power supply control
Soft start
ts
Output
short
circuit
Output short circuit
tpe
Short circuit
detection
SCP pin waveforms
OUT pin waveforms
Soft start setting voltage
Idle period setting voltage
Reference input for short circuit
detection comparator
COMP pin voltage
500
Vout
R2
FSP3601
R1
-
+
Error Amplifier
C1
8
36K
1
0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com