Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP3601 Datasheet(PDF) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3601
Description  STEP-UP DC/DC CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3601 Datasheet(HTML) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3601 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
STEP-UP DC/DC CONTROLLER
2007-6-6
1/14
FSP3601
PIN ASSIGNMENT
SOP8
MSOP8
TSSOP8
PIN DESCRIPTION
Name
No.
I/O
Description
FB
1
I
Error amplifier inverting input pin
SCP
2
I
Connected a capacitor
Soft start and SCP function pin
VCC
3
P
IC Power supply
BR/CTL
4
I
Output current setting and control pin
OUT
5
O
Totem-pole output
GND
6
P
IC ground
OSC
7
I
Capacitor and resistor connected for the frequency of oscillation
COMP
8
O
Error amplifier compensation output
TYPICAL APPLICATION
Digital Camera
PDA
Portable Equipment
FSP3601
1
2
3
45
6
7
8
FB
SCP
Vcc
BR/CTL
COMP
OSC
GND
OUT
FB
SCP
Vcc
BR/CTL
COMP
OSC
GND
OUT
FSP3601
1
2
3
4
8
7
6
5
FB
SCP
Vcc
BR/CTL
COMP
OSC
GND
OUT
FSP3601
8
7
6
5
1
2
3
4
GENERAL DESCRIPTION
The FSP3601 is a boost topology switching regulator
control IC for battery-used applications field. The
FSP3601 includes a totem-pole single output stage
for driving NPN transistor or N-MOS, high precision
reference (0.5V) for comparing output voltage with
feedback amplifier, an internal dead-time control for
controlling the minimum duty cycle, programmable
soft start with short circuit protection function and
logic level control for operating mode or standby
mode.
FEATURES
Wide supply voltage operating range: 1.8 to 15V
Reference voltage precision: 4%
Low current consumption:
Operation Mode 5.5mA
Standby Mode: 1µA
High speed oscillator frequency: 1MHz max
Programmable Soft Start function (SS)
Short Circuit Protection function (SCP)
Totem-pole output with adjustable on/off current
(for NPN transistors or n-channel MOSFET)
Logic level control stand-by mode function
Package: SOP8/MSOP8/TSSOP8


Similar Part No. - FSP3601

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3602 FOSLINK-FSP3602 Datasheet
176Kb / 5P
SYNCHRONOUS BOOST DC/DC CONVERTER
FSP3602CAK FOSLINK-FSP3602CAK Datasheet
176Kb / 5P
SYNCHRONOUS BOOST DC/DC CONVERTER
FSP3603 FOSLINK-FSP3603 Datasheet
329Kb / 9P
1.2MHZ MICROPOWER SYNCHRONOUS STEP-UP CONVERTER
FSP3603TCAD FOSLINK-FSP3603TCAD Datasheet
329Kb / 9P
1.2MHZ MICROPOWER SYNCHRONOUS STEP-UP CONVERTER
FSP3604 FOSLINK-FSP3604 Datasheet
559Kb / 6P
3W HIGH POWER WHITE LED DRIVER
More results

Similar Description - FSP3601

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1211X RICOH-R1211X Datasheet
375Kb / 33P
Step-up DC/DC Controller
Rev. 1.10
logo
Unisonic Technologies
L3380 UTC-L3380 Datasheet
166Kb / 9P
PWM STEP UP DC-DC CONTROLLER
logo
RICOH electronics devic...
R1211N002A RICOH-R1211N002A_06 Datasheet
512Kb / 40P
STEP-UP DC/DC CONTROLLER
logo
Torex Semiconductor
XC9120 TOREX-XC9120 Datasheet
274Kb / 17P
Step-Up DC/DC Controller IC,
logo
Silicon Standard Corp.
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
Step-Up DC/DC Controller
logo
Unisonic Technologies
UC3380 UTC-UC3380 Datasheet
266Kb / 9P
PWM STEP UP DC-DC CONTROLLER
UC3380 UTC-UC3380_15 Datasheet
278Kb / 9P
PWM STEP UP DC-DC CONTROLLER
logo
E-CMOS Corporation
EC9215 E-CMOS-EC9215 Datasheet
1Mb / 15P
Step-up DC/DC Controller
logo
TECHCODE SEMICONDUCTOR,...
TD8215 TECHCODE-TD8215 Datasheet
1Mb / 16P
Step-up DC/DC Controller
logo
SHENZHEN FUMAN ELECTRON...
FM2109 FUMAN-FM2109 Datasheet
419Kb / 11P
Step-up DC-DC Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com