Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP3601 Datasheet(PDF) 10 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3601
Description  STEP-UP DC/DC CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3601 Datasheet(HTML) 10 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Back Button FSP3601 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 10Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 11Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 12Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 13Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 14Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
STEP-UP DC/DC CONTROLLER
2007-6-6
10/14
FSP3601
APPLICATION NOTE (2)
Figure16. Charge Pump DC-DC Converter Circuits
R3
5.6K
3
R5
30K
C11
C7
0.1µF
Q2 2N3904
+17
1%
R16
3K
1%
C3
1µF
D3 SCD34
L2 33µH
0.1µF
C1
-6.8V
R9
300K
Vin
C10
0.1µF
Control
U3
C4
1µF
R4
30K
0.1µF
C2
D1
BAT54S
R8
6.8K
3
R15
R7
2.2K
Q3 AP2305
C9
1µF
R12
51K
3K
C8
1µF
D2
BAT54S
R2
2.2K
Q5 2N3906
R13 10
R14
1K
R17 4.7K
2
R1
390
R6
5.1K
C6
1µF
1
C16
0.1µF
L1 33µH
+9V
TL431
Q4
2N3904
R11
TL431
C17
470PF
C14
0.1µF
U2
C13
100µF
U1
FSP3601
1
2
3
4
8
7
6
5
FB
SCP
VCC
BR/CTL
COMP
OSC
GND
OUT
R10
5.1K
Q1
C12
220µF/6.3vV
1
Q6
2N3904
2
C15
100µF
C5
1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com