Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP3601 Datasheet(PDF) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3601
Description  STEP-UP DC/DC CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3601 Datasheet(HTML) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3601 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STEP-UP DC/DC CONTROLLER
2007-6-6
3/14
FSP3601
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Short Circuit Protection section (S.C.P.)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Input source current
ISCP
VSCP=0V
-1.5
-1.0
-0.7
μ
A
S.C.P. threshold voltage
VSCP
0.7
0.8
0.9
V
Oscillator section
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Oscillation frequency
f
RT=3.0KΩ, CT=270pF
400
500
600
KHz
Frequency change with voltage
∆f/∆V
VCC=2V to 15V
2
10
%
Frequency change with temperature
∆f/∆T
Ta=0℃ to 85℃
5
%
Idle Period Adjustment section
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Maximum duty cycle
TDUTY
RT=3.0KΩ,
CT=270pF,VFB=0.8V
75
85
%
Total device section
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Stand-by current
ISTANDBY
Pin4 is open or VCC
1
µA
Average supply current
IAVE
RB=390Ω, VCC=0∽20V
5.0
10
mA
Error Amplifier section
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Input threshold voltage
VFB
VCOMP=450mV
480
500
520
mV
VT change with voltage
∆VFB/∆V
VCC=2V to 15V
5
20
mV
VT change with temperature
∆VFB/∆V
Ta=-10℃ to 85℃
1
%
Input basic current
IB
-1.0
-0.2
1.0
µA
Voltage Gain
AV
100
V/V
Frequency bandwidth
BW
AV=0dB
6
MHz
Positive
VPOS
0.78
0.87
Output voltage
Swing
Negative
VNEG
0.05
0.2
V
Output source current
ISOURCE
-40
-24
µA
Output sink current
ISINK
VCOMP=450mV
24
40
µA
Output section
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Output high voltage
VOH1
RB=390Ω,IO=-15mA
1.0
1.2
V
Output high voltage
VOH2
RB=750Ω,IO=-10mA,VCC=1.8V
0.8
1.0
V
Output saturation voltage
VOl1
RB=390Ω,IO=15mA
0.1
0.2
V
Output saturation voltage
VOl2
RB=750Ω,IO=10mA,VCC=1.8V
0.1
0.2
V
Output source current
IOSOURCE
RB=390Ω,VO=-0.9V
-40
-20
mA
Output sink current
IOSINK
RB=390Ω,VO=-0.3V
30
40
mA
Internal pull-down resistor
RO
20
30
40
KΩ
Output Current Setting / Control section
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Pin voltage
VBR
RB=390Ω
0.15
0.22
0.3
V
Input off condition
IOFF
-20
0
µA
Input on condition
ION
-4.5
µA
Pin current range
IBR
-1.8
-0.1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com