Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP3601 Datasheet(PDF) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3601
Description  STEP-UP DC/DC CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3601 Datasheet(HTML) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3601 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
STEP-UP DC/DC CONTROLLER
2007-6-6
2/14
FSP3601
FUNCTIONAL BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Power supply voltage
+15V
Output source current
-50mA
Output sink current
+50mA
SOP8
Ta≦+25℃
570mW
MSOP8
Ta≦+25℃
400mW
Allowable dissipation
TSSOP8
Ta≦+25℃
400mW
Operating temperature
-10℃∽+85℃
Storage temperature
-55℃∽+125℃
SOP8 lead Temperature (solding,10 sec)
+260℃
TSSOP8 Lead Temperature (solding,10 sec)
+260℃
MSOP8Lead Temperature (soldering,10 sec)
+260℃
DC Electrical Characteristics
Under Voltage Lock-Out section (U.V.L.O.)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Low threshold voltage
VLOW
0.9
V
Upper threshold voltage
VUPPER
1.1
1.3
1.5
V
Soft Start section (S.S.)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Input source current
ISS
VSCP=0V
-1.5
-1.0
-0.7
μ
A
Soft start threshold voltage
VSST
0.8
0.9
1.0
V
Sawtooth
supply
8
0.22V
500Ω
36kΩ
1
Soft start SCP
5
7
0.1V-
+
+
+
-
6
1.25V
+
-
3
4
Output drive
0.5V
Reference
0.1V
voltage
wave
control circuit
Error Amp.
PWM
Comp.
DTC0.6V
2
500Ω
0.6V-
oscillator
30KΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com