Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7461N Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7461N
Description  CAR RADIO SIGNAL PROCESSOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7461N Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7461N Datasheet HTML 8Page - STMicroelectronics TDA7461N Datasheet HTML 9Page - STMicroelectronics TDA7461N Datasheet HTML 10Page - STMicroelectronics TDA7461N Datasheet HTML 11Page - STMicroelectronics TDA7461N Datasheet HTML 12Page - STMicroelectronics TDA7461N Datasheet HTML 13Page - STMicroelectronics TDA7461N Datasheet HTML 14Page - STMicroelectronics TDA7461N Datasheet HTML 15Page - STMicroelectronics TDA7461N Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
STEREODECODER PART
No external components necessary
PLL with adjustment free fully integrated VCO
Automatic pilot dependent MONO/STEREO
switching
Very high suppression of intermodulation and
interference
Programmable Roll-Off compensation
Dedicated RDS Softmute
Highcut and Stereoblend characterisctics pro-
grammable in a wide range
Internal Noiseblanker with threshold controls
Multipath detector with programmable inter-
nal/external influence
I
2C bus control of all necessary functions
ELECTRICAL CHARACTERISTICS (VS = 9V; deemphasis time constant = 50
µs, VMPX = 500mV,
75KHz deviation, f = 1KHz. GI = 6dB, Tamb =25
°C; unless otherwise specified).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIN
MPX Input Level
Input Gain = 3.5dB
0.5
1.25
VRMS
Rin
Input Resistance
70
100
130
K
Ω
Gmin
Minimum Input Gain
1.5
3.5
4.5
dB
Gmax
Max Input Gain
8.5
11
12.5
dB
GSTEP
Step Resolution
1.75
2.5
3.25
dB
SVRR
Supply Voltage Ripple Rejection
Vripple = 100mv, f = 1khz
55
dB
α
Max Channel Separation
30
50
dB
THD
Total Harmonic Distortion
0.02
0.3
%
S
+ N
N
Signal plus Noise to Noise Ratio
S = 2Vrms
80
91
dB
MONO/STEREO SWITCH
VPTHST1
Pilot Threshold Voltage
for Stereo, PTH = 1
10
15
25
mV
VPTHST0
Pilot Threshold Voltage
for Stereo, PTH = 0
15
25
35
mV
VPTHMO1
Pilot Threshold Voltage
for Mono, PTH = 1
7
12
17
mV
VPTHMO0
Pilot Threshold Voltage
for Stereo, PTH = 0
10
19
25
mV
PLL
∆f/f
Capture Range
0.5
%
DEEMPHASIS and HIGHCUT (5)
τHC50
Deemphasis Time Constant
Bit = 7, Subadr. 10 = 0
VLEVEL >> VHCH
25
50
75
µs
τHC75
Deemphasis Time Constant
Bit = 7, Subadr. 10 = 1
VLEVEL >> VHCH
50
75
100
µs
τHC50
Highcut Time Constant
Bit = 7, Subadr. 10 = 0
VLEVEL >> VHCL
100
150
200
µs
τHC75
Highcut Time Constant
Bit = 7, Subadr. 10 = 1
VLEVEL >> VHCL
150
225
300
µs
STEREOBLEND and HIGHCUT-CONTROL
REF5V
Internal Reference Voltage
4.7
5
5.3
V
TCREF5V
Temperature Coefficient
3300
ppm
LGmin
Min. LEVEL Gain
-1
0
+1
dB
LGmax
Max. LEVEL Gain
8
10
12
dB
LGstep
LEVEL Gain Step Resolution
0.3
0.67
1.0
dB
VSBLmin
Min.Voltage for Mono
29
33
37
%REF5V
VSBLmax
Max. Voltage for Mono
54
58
62
%REF5V
VSBLstep
Step Resolution
5.0
8.4
12
%REF5V
TDA7461N
12/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com