Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7461N Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7461N
Description  CAR RADIO SIGNAL PROCESSOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7461N Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7461N Datasheet HTML 9Page - STMicroelectronics TDA7461N Datasheet HTML 10Page - STMicroelectronics TDA7461N Datasheet HTML 11Page - STMicroelectronics TDA7461N Datasheet HTML 12Page - STMicroelectronics TDA7461N Datasheet HTML 13Page - STMicroelectronics TDA7461N Datasheet HTML 14Page - STMicroelectronics TDA7461N Datasheet HTML 15Page - STMicroelectronics TDA7461N Datasheet HTML 16Page - STMicroelectronics TDA7461N Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
STEREOBLEND and HIGHCUT CONTROL
VHCHmin
Min.Voltage for NO Highcut
36
42
46
%REF5V
VHCHmax
Max. Voltage for NO Highcut
62
66
70
%REF5V
VHCHstep
Step Resolution
5
8.4
12
%REF5V
VHCLmin
Min. Voltage for FULL High cut
13
17
21
%VHCH
VHCLmax
Max. Voltage for FULL High cut
29
33
37
%VHCH
Carrier and harmonic suppression at the output
α19
Pilot Signal
f = 19KHz
40
50
dB
α38
Subcarrier
f = 38KHz
75
dB
α57
Subcarrier
f = 57KHz
62
dB
α76
Subcarrier
f = 76KHz
90
dB
Intermodulation (Note1)
α2
Pilot Signal
fmod = 10KHz; fspur = 1KHz;
65
dB
α3fmod = 13KHz; fspur = 1KHz;
75
dB
Traffic Radio (Note 2)
α57
Signal
f = 57KHz
70
dB
SCA - Subsidiary Communications Authorization (Note 3)
α67
Signal
f = 67KHz
75
dB
ACI - Adjacent Channel Interference (Note 4)
α114
Signal
f = 114KHz
95
dB
α190
Signal
f = 190KHz
84
dB
Notes to the characteristics:
1. Intermodulation Suppression: measured with: 91% pilot signal; fm = 10kHz or 13kHz.
2. Traffic Radio (V.F.) Suppression: measured with: 91% stereo signal; 9% pilot signal; fm=1kHz; 5% subcarrier (f = 57kHz,
fm = 23Hz AM, m = 60%)
3. SCA ( Subsidiary Communications Authorization ) measured with: 81% mono signal; 9% pilot signal; fm = 1kHz; 10%SCA - subcarrier
( fs = 67kHz, unmodulated ).
4. ACI ( Adjacent Channel Interference ) measured with: 90% mono signal; 9% pilot signal; fm =1kHz; 1% spurious signal
( fs = 110kHz or 186kHz, unmodulated).
5. By Design/Characterization but functionally guaranteed through dedicated test mode structure
TDA7461N
13/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com