Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7461N Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7461N
Description  CAR RADIO SIGNAL PROCESSOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7461N Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7461N Datasheet HTML 10Page - STMicroelectronics TDA7461N Datasheet HTML 11Page - STMicroelectronics TDA7461N Datasheet HTML 12Page - STMicroelectronics TDA7461N Datasheet HTML 13Page - STMicroelectronics TDA7461N Datasheet HTML 14Page - STMicroelectronics TDA7461N Datasheet HTML 15Page - STMicroelectronics TDA7461N Datasheet HTML 16Page - STMicroelectronics TDA7461N Datasheet HTML 17Page - STMicroelectronics TDA7461N Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
NOISE BLANKER PART
internal 2nd order 140kHz high pass filter
programmable trigger threshold
additional circuits for trigger adjustment (devia-
tion, field-strenght)
very low offset current during hold time
four selectable pulse suppression times
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VTR
Trigger Threshold
0) 1)
meas. with VPEAK = 0.9V
NBT = 111
30
mVOP
NBT = 110
35
mVOP
NBT = 101
40
mVOP
NBT = 100
45
mVOP
NBT = 011
50
mVOP
NBT = 010
55
mVOP
NBT = 001
60
mVOP
NBT = 000
65
mVOP
VTRNOISE
Noise Controlled Trigger
Threshold
2)
meas. with VPEAK = 1.5V
NCT = 00
260
mVOP
NCT = 01
220
mVOP
NCT = 10
180
mVOP
NCT = 11
140
mVOP
VRECT
Rectifier Voltage
VMPX = 0mV
0.5
0.9
1.3
V
VMPX = 50mV; f = 150KHz
1.5
1.7
2.1
V
VMPX = 100mV; f = 150KHz
2.2
2.5
2.9
V
VRECT DEV
deviation dependent
rectifier Voltage
3)
means. with
VMPX = 800mV
(75KHz dev.)
OVD = 11
0.5
0.9(off)
1.3
VOP
OVD = 10
0.9
1.2
1.5
VOP
OVD = 01
1.7
2.0
2.3
VOP
OVD = 00
2.5
2.8
3.1
VOP
VRECT FS
Fieldstrength Controlled
Rectifier Voltage
4)
means. with
VMPX = 0mV
VLEVEL << VSBL
(fully mono)
FSC = 11
0.5
0.9(off)
1.3
V
FSC = 10
1.0
1.3
1.6
V
FSC = 01
1.5
1.8
2.1
V
FSC = 00
2.0
2.3
2.6
V
0) All thresholds are measured using a pulse with TR =2
µs, THIGH =2 µs and TF =10 µs.
1) NBT represents the Noiseblanker-Byte bits D2; D0 for the noise blanker trigger threshold
2) NAT represents the Noiseblanker-Byte bit pair D4,D3 for the noise controlled trigger adjustment
3) OVD represents the Noiseblanker-Byte bit pair D7,D6 for the over deviation detector
4) FSC represents the Fieldstrength-Byte bit pair D1,D0 for the fieldstrength control
VOP
VIN
DC
TR
THIGH
TF
Time
D97AU636
TDA7461N
14/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com