Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7461N Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7461N
Description  CAR RADIO SIGNAL PROCESSOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7461N Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7461N Datasheet HTML 20Page - STMicroelectronics TDA7461N Datasheet HTML 21Page - STMicroelectronics TDA7461N Datasheet HTML 22Page - STMicroelectronics TDA7461N Datasheet HTML 23Page - STMicroelectronics TDA7461N Datasheet HTML 24Page - STMicroelectronics TDA7461N Datasheet HTML 25Page - STMicroelectronics TDA7461N Datasheet HTML 26Page - STMicroelectronics TDA7461N Datasheet HTML 27Page - STMicroelectronics TDA7461N Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Mute, Beep and Mixing
MSB
LSB
MUTE/BEEP/MIXING
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
0
1
1
0
1
0
1
0
1
Mute
Enable Softmute
Disable Softmute
Mute time =0.48 ms
Mute time =0.96 ms
Mute time =40.4 ms
Mute time =324 ms
Stereo Decoder Softmute Influence = off
Stereo Decoder Softmute Influence = on
0
1
Beep
Beep Frequency = 600Hz
Beep Frequency = 1.2KHz
0
0
1
1
0
1
0
1
0
1
Mixing
Mix-Source = Beep
Mix-Source = Phone
Full Mix Signal
Source -12dB + Mix-Signal -2.5dB
Source -6dB + Mix-Signal -6dB
Full Source
Note: for more information to the Stereodecoder-Softmute-Influence please refer to the stereodecoder description.
Volume
MSB
LSB
ATTENUATION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
:
0
0
0
:
0
0
0
:
1
1
0
0
:
0
0
0
:
0
1
1
:
1
1
0
0
:
0
0
0
:
1
0
0
:
0
0
0
0
:
1
1
1
:
1
0
0
:
1
1
0
0
:
1
1
1
:
1
0
0
:
1
1
0
0
:
0
0
1
:
1
0
0
:
1
1
0
1
:
0
1
0
:
1
0
1
:
0
1
Gain/Attenuation
+32dB
+31dB
:
+20dB
+19dB
+18dB
:
+1dB
0dB
- 1dB
:
-78dB
-79dB
0
1
Softstep
Softstep Volume = off
Softstep Volume = on
Note: It is not recommended to use a gain more than 20dB for system performance reason. In general, the max. gain should be limited by
software to the maximum value, which is needed for the system.
TDA7461N
24/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com