Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7461N Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7461N
Description  CAR RADIO SIGNAL PROCESSOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7461N Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7461N Datasheet HTML 16Page - STMicroelectronics TDA7461N Datasheet HTML 17Page - STMicroelectronics TDA7461N Datasheet HTML 18Page - STMicroelectronics TDA7461N Datasheet HTML 19Page - STMicroelectronics TDA7461N Datasheet HTML 20Page - STMicroelectronics TDA7461N Datasheet HTML 21Page - STMicroelectronics TDA7461N Datasheet HTML 22Page - STMicroelectronics TDA7461N Datasheet HTML 23Page - STMicroelectronics TDA7461N Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Automatic Threshold Control
Besides the noise controlled threshold adjust-
ment there is an additional possibility for influenc-
ing the trigger threshold. It is depending on the
stereoblend control.
The point where the MPX signal starts to become
noisy is fixed by the RF part. Therefore also the
starting point of the normal noise-controlled trig-
ger adjustment is fixed (fig. 16). In some cases
the behaviour of the noiseblanker can be im-
proved by increasing the threshold even in a re-
gion of higher fieldstrength. Sometimes a wrong
triggering occures for the MPX signal often shows
distortion in this range which can be avoided
even if using a low threshold.
Because of the overlap of this range and the
range of the stereo/mono transition it can be con-
trolled by stereoblend. This threshold increase is
programmable in 3 steps or switched off with bits
D0 and D1 of the fieldstrength control byte.
Over Deviation Detector
If the system is tuned to stations with a high de-
viation the noiseblanker can trigger on the higher
frequencies of the modulation. To avoid this
wrong behaviour, which causes noise in the out-
put signal, the noiseblanker offers a deviation de-
pendent threshold adjustment.
By rectifying the MPX signal a further signal rep-
resenting the actual deviation is obtained. It is
used to increase the PEAK voltage. Offset and
gain of this circuit are programmable in 3 steps
with the bits D6 and D7 of the stereodecoder byte
(the first step turns off the detector, see fig. 15).
FUNCTIONAL DESCRIPTION OF THE MULTI-
PATH DETECTOR
Using the internal detector the audible effects of a
multipath condition can be minimized. A multipath
condition is detected by rectifying the 19kHz
spectrum in the fieldstrength signal.
Selecting the ”internal influence” in the configura-
tion byte, the channel separation is automatically
reduced during a multipath condition according to
the voltage appearing at the MPOUT pin.
To obtain a optimal performance an adaptation is
necessary. Therefore the gain of the 19kHz band-
pass is programmable in four steps as well as the
rectifier gain. The attack and decay times can be
set by the external capacitor value.
TEST MODE
During the test mode which can be activated by
setting bit D0 of the testing byte and bit D5 of the
subaddress byte to ”1” several internal signals
are available at the CASSR pin.
During this
mode the input resistance of 100kOhm is discon-
nected from the pin. The internal signals available
are shown in the software specification.
RECTIFIER
BANDPASS
19KHz
-
to SB
D97AU880
MPIN
GAIN
2 BITS
GAIN
2 BITS
DC=1
µA
VDD
MPOUT
LEVEL
int. INFLUENCE
220nF
Figure 23. Block diagram of the Multipath Detector
TDA7461N
20/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com