Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7512 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7512
Description  AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7512 Datasheet HTML 9Page - STMicroelectronics TDA7512 Datasheet HTML 10Page - STMicroelectronics TDA7512 Datasheet HTML 11Page - STMicroelectronics TDA7512 Datasheet HTML 12Page - STMicroelectronics TDA7512 Datasheet HTML 13Page - STMicroelectronics TDA7512 Datasheet HTML 14Page - STMicroelectronics TDA7512 Datasheet HTML 15Page - STMicroelectronics TDA7512 Datasheet HTML 16Page - STMicroelectronics TDA7512 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
13/42
TDA7512
AM Mixer1 (10.7MHz)
RIN
Input resistance
differential
1.2
k
CIN
Input capacitance
differential
4
pF
ROUT
Output impedance
differential
100
k
CP1dB
1dB compression point
referred to diff. mixer input
115
dB
µV
IIP3
3rd order intermodulation
132
dB
µV
F
Noise figure
8dB
A
Gain
26
dB
Cmin
Min. capacitance step
IF1T
0.55
pF
Cmax
Max. capacitance
IF1T
8.25
pF
C31-64
IF1T
2
pF
AM Mixer2 (450kHz)
R58
Input resistance
10
k
C58
Input capacitance
2.5
pF
CP1dB
1dB compression point
referred to diff. mixer input
120
dB
µV
IIP3
3rd order intermodulation
132
dB
µV
F
Noise figure
12
dB
A
Max. gain
Mixer2 tank output
34
dB
A
Gain control range
20
dB
Cmin
Min. cap step
IF2T
1.6
pF
Cmax
Max. cap
IF2T
24
pF
C55-56
IF2T
2
pF
Table 4. ELECTRICAL CHARACTERISTICS (continued)
Tamb = +25°C, VCC1 = VCC2 = VCC3 = VCCVCO = VCCMIX1 = VCCMIX2 =8.5V, fRF =1MHz, fMOD = 400Hz at
30% AMfIF1 = 10.7MHz, fIF2 =450kHz, fxtal = 10.25MHz, in application circuit, (unless otherwise noted,
VINRF antenna input).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com