Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7512 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7512
Description  AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7512 Datasheet HTML 2Page - STMicroelectronics TDA7512 Datasheet HTML 3Page - STMicroelectronics TDA7512 Datasheet HTML 4Page - STMicroelectronics TDA7512 Datasheet HTML 5Page - STMicroelectronics TDA7512 Datasheet HTML 6Page - STMicroelectronics TDA7512 Datasheet HTML 7Page - STMicroelectronics TDA7512 Datasheet HTML 8Page - STMicroelectronics TDA7512 Datasheet HTML 9Page - STMicroelectronics TDA7512 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
TDA7512
6/42
Table 3. ELECTRICAL CHARACTERISTICS
Tamb = +25°C, VCC1 = VCC2 = VCC3 = VCCVCO = VCCMIX1 = VCCIF1=8.5V, fRF = 98MHz, dev. = 40kHz,
fMOD =1kHz, fIF1 =10.7MHz, fIF2 =450KHz, fXtal = 10.25MHz, in application circuit, unless otherwise
specified.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Supply
VCC1
Digital supply voltage
7.5
8.5
10
V
VCC2
Analog supply voltage
7.5
8.5
10
V
VCC3
Analog tuning voltage
7.5
8.5
10
V
VCCVCO
VCO supply voltage
7.5
8.5
10
V
VCCMIX1 MIX1 supply voltage
7.5
8.5
10
V
VCCMIX2
MIX2 supply voltage
7.5
8.5
10
V
VCCIF1
IF1 supply voltage
7.5
8.5
10
V
ICC1
Supply current
FM ON
7.5
mA
ICC1
Supply current
AM ON
10
mA
ICC2
Supply current
FM ON / VCO:3
70
mA
ICC2
Supply current
AM ON
70
mA
ICC3
Supply current
2
mA
ICCVCO
Supply current
9
mA
ICCMIX1
Supply current
FM ON
8
mA
ICCMIX1
Supply current
AM ON
7
mA
ICCMIX2
Supply current
AM ON
7
mA
ICCIF1
Supply current
6
mA
Reference Voltages
VREF1
Internal reference voltage
IREF1 = 0mA
5
V
VREF2
Internal reference voltage
IREF2 = 0mA
2.5
V
Wide Band RF AGC
V7-9
Lower threshold start
V10 = 2.5V
85
dB
µV
V7-9
Upper threshold start
V10 = 2.5V
96
dB
µV
Narrow Band IF & Keying AGC
V60
Lower threshold start
KAGC = off, V7-9 = 0mVRMS
86
dB
µV
V60
Upper threshold start
KAGC = off, V7-9 = 0mVRMS
98
dB
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com