Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7512 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7512
Description  AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7512 Datasheet HTML 14Page - STMicroelectronics TDA7512 Datasheet HTML 15Page - STMicroelectronics TDA7512 Datasheet HTML 16Page - STMicroelectronics TDA7512 Datasheet HTML 17Page - STMicroelectronics TDA7512 Datasheet HTML 18Page - STMicroelectronics TDA7512 Datasheet HTML 19Page - STMicroelectronics TDA7512 Datasheet HTML 20Page - STMicroelectronics TDA7512 Datasheet HTML 21Page - STMicroelectronics TDA7512 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
TDA7512
18/42
narrow filtered IF2 before demodulation. A switch controlled by IF counter mode (IFCM) is chosing the input sig-
nal for IF counter.
The grade of integration is adjustable by eight different measuring cycle times. The tolerance of the accepted
count value is adjustable, to reach an optimum compromise for search speed and precision of the evaluation.
1.7.8
The IF-Counter Mode
The IF counter works in 3 modes controlled by IFCM register.
1.7.9
Sampling Timer
A sampling timer generates the gate signal for the main counter. The basically sampling time are in FM mode
6.25kHz (tTIM=160µs) and in AM mode 1kHz (tTIM=1ms). This is followed by an asynchronous divider to gener-
ate several sampling times.
1.7.10 Intermediate Frequency Main Counter
This counter is a 11 - 21-bit synchronous autoreload down counter. Five bits (CF) are programmable to have
the possibility for an adjust to the centre frequency of the IF-filter. The counter length is automatic adjusted to
the chosen sampling time and the counter mode (FM, AM-UPC, AM).
At the start the counter will be loaded with a defined value which is an equivalent to the divider value
(tSample xfIF).
If a correct frequency is applied to the IF counter frequency input at the end of the sampling time the main
counter is changing its state from 0h to 1FFFFFh.
This is detected by a control logic and an external search stop output is changing from LOW to HIGH. The fre-
quency range inside which a successful count result is adjustable by the EW bits.
tCNT = (CF + 1696+1) / fIF
FM mode
tCNT = (CF + 10688+1) / fIF
AM up conversion mode
tCNT = (CF + 488+1) / fIF
AM mode
Counter result succeeded:
tTIM
tCNT - tERR
tTIM tCNT + tERR
Counter result failed:
tTIM > tCNT + tERR
tTIM < tCNT - tERR
tTIM = IF timer cycle time (sampling time)
tCNT = IF counter cycle time
tERR = discrimination window (controlled by the EW registers)
The IF counter is only started by inlock information from the PLL part. It is enabled by software (IFENA).
1.7.11 Adjustment of the Measurement Sequence Time
The precision of the measurements is adjustable by controlling the discrimination window. This is adjustable by
programming the control registers EW.
The measurement time per cycle is adjustable by setting the registers IFS.
1.7.12 Adjust of the Frequency Value
The center frequency of the discrimination window is adjustable by the control registers CF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com